Electronic Components Datasheet Search
  English  ▼

X  

BLF574 Datasheet(PDF) 14 Page - Ampleon Netherlands B.V.

Part # BLF574
Description  HF / VHF power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF574 Datasheet(HTML) 14 Page - Ampleon Netherlands B.V.

Back Button BLF574 Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 13Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 14Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 15Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 16Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 17Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 18Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
BLF574
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 1 December 2016
14 of 19
BLF574
HF / VHF power LDMOS transistor
Fig 15. Class-AB common-source production test circuit
001aaj139
C3
C1
T1
input
50
Ω
output
50
Ω
T2
T3
T4
C2
C20
C18
C19
C21
C4 C5
C22
C24
C23
C14
C15
C10
C11
C12
VDD
VDD
VGG
VGG
L3
C8
C7
R2
R1
C6
C9
L1
L2
L4
R3
L4
C13
C16
C17
L6
L5
L8
L7
L9
L10
L11
L12
Fig 16. Component layout for class-AB production test circuit
001aaj140
T1
C8
C9
C7
C6
R2
37 mm
11 mm
C4 C5
C3
C1
C2
R1
T2
C11
C10
L2
L1
R4
R3
C12
C13
C15
C14
C16
L4
L3
C21
C23
C22
C24
C18
C17
C19
T4
T3
11 mm
3 mm
5 mm
C20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com