Electronic Components Datasheet Search
  English  ▼

X  

BLF574 Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLF574
Description  HF / VHF power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF574 Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLF574 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1. Product profile
1.1 General description
A 500 W to 600 W LDMOS power transistor for broadcast applications and industrial
applications in the HF to 500 MHz band.
1.2 Features and benefits
Typical CW performance at frequency of 225 MHz, a supply voltage of 50 V and an IDq
of 1000 mA:
Average output power = 500 W
Power gain = 26.5 dB
Efficiency = 70 %
Easy power control
Integrated ESD protection
Excellent ruggedness
High efficiency
Excellent thermal stability
Designed for broadband operation (10 MHz to 500 MHz)
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
Industrial, scientific and medical applications
Broadcast transmitter applications
BLF574
HF / VHF power LDMOS transistor
Rev. 4 — 1 December 2016
Product data sheet
Table 1.
Application information
Mode of operation
f
VDS
PL
Gp
D
(MHz)
(V)
(W)
(dB)
(%)
CW
225
50
500
26.5
70
108
50
600
27.5
73


Similar Part No. - BLF574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF574 NXP-BLF574 Datasheet
171Kb / 18P
HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
BLF574 PHILIPS-BLF574 Datasheet
171Kb / 18P
HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLF574 NXP-BLF574 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF574XR NXP-BLF574XR Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF574XR AMPLEON-BLF574XR Datasheet
1Mb / 14P
Power LDMOS transistor
Rev. 2 ??1 September 2015
More results

Similar Description - BLF574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLC573 NXP-BLC573 Datasheet
117Kb / 14P
HF / VHF power LDMOS transistor
Rev. 01-11 December 2008
BLF571 NXP-BLF571 Datasheet
105Kb / 13P
HF / VHF power LDMOS transistor
Rev. 01-11 December 2008
BLF573S NXP-BLF573S Datasheet
84Kb / 14P
HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
BLF574 NXP-BLF574 Datasheet
171Kb / 18P
HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
BLF574 PHILIPS-BLF574 Datasheet
171Kb / 18P
HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLF571 PHILIPS-BLF571_15 Datasheet
113Kb / 13P
HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLF573_BLF573S PHILIPS-BLF573_BLF573S_15 Datasheet
362Kb / 16P
HF / VHF power LDMOS transistor
Rev. 3-8 July 2010
BLF574 PHILIPS-BLF574_15 Datasheet
179Kb / 18P
HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
logo
Ampleon Netherlands B.V...
BLF571 AMPLEON-BLF571 Datasheet
1Mb / 14P
HF / VHF power LDMOS transistor
Rev. 3 ??1 September 2015
BLF978P AMPLEON-BLF978P Datasheet
1Mb / 15P
HF / VHF power LDMOS transistor
Rev. 1 ??3 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com