Electronic Components Datasheet Search
  English  ▼

X  

3563 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3563
Description  LINEAR INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3563 Datasheet(HTML) 2 Page - Unisonic Technologies

  3563 Datasheet HTML 1Page - Unisonic Technologies 3563 Datasheet HTML 2Page - Unisonic Technologies 3563 Datasheet HTML 3Page - Unisonic Technologies 3563 Datasheet HTML 4Page - Unisonic Technologies 3563 Datasheet HTML 5Page - Unisonic Technologies 3563 Datasheet HTML 6Page - Unisonic Technologies 3563 Datasheet HTML 7Page - Unisonic Technologies 3563 Datasheet HTML 8Page - Unisonic Technologies 3563 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UTC3563
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R103-013,B
BLOCK DIAGRAM
PIN
SYMBOL
DESCRIPTION
PIN SYMBOL
DESCRIPTION
1
DC
2A switch collector
5
FB
Feedback comparator inverting input
2
DE
Darlington switch emitter
6
VCC
Power supply input
3
CF
Oscillator timing capacitor
7
IS
Highside current sense input
(VCC-VIS=300mV)
4
GND
Power ground
8
BOOST
Bootstrapped driver collector



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com