Electronic Components Datasheet Search
  English  ▼

X  

3563 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3563
Description  LINEAR INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3563 Datasheet(HTML) 3 Page - Unisonic Technologies

  3563 Datasheet HTML 1Page - Unisonic Technologies 3563 Datasheet HTML 2Page - Unisonic Technologies 3563 Datasheet HTML 3Page - Unisonic Technologies 3563 Datasheet HTML 4Page - Unisonic Technologies 3563 Datasheet HTML 5Page - Unisonic Technologies 3563 Datasheet HTML 6Page - Unisonic Technologies 3563 Datasheet HTML 7Page - Unisonic Technologies 3563 Datasheet HTML 8Page - Unisonic Technologies 3563 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
UTC3563
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R103-013,B
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
30
V
Comparator input voltage range
Vi
-0.3~+30
V
Switch collector voltage
VC(switch)
30
V
Switch emitter Voltage
VE(switch)
30
V
Switch collector to emitter voltage
VCE(switch)
30
V
Driver collector Voltage
VC(driver)
30
V
Switch current
ISW
2
A
Power dissipation (Ta=25
°C)
DIP-8
SOP-8
1000
625
mW
mW
Thermal Resistance
DIP-8
SOP-8
100
160
°C/W
°C/W
Operating junction temperature
Tj
125
°C
Operating ambient temperature range
Ta
0~+70
°C
Storage temperature range
Tstg
-65~+150
°C
ELECTRICAL CHARACTERISTICS (VCC=5.0V, Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
Oscillator
Charging Current
ICHG
5V
≤VCC≤30V
10
25
40
µA
Discharging Current
IDISCHG
5V
≤VCC≤30V
100
150
200
µA
Voltage Swing
Vosc
PIN 3
0.6
V
Discharge to Charge Current Ratio
IDISCHG /
ICHG
VIS=VCC
6.0
Current limit Sense Voltage
VCC -VIS
ICHG=IDISCHG
250
300
350
mV
Output Switch
Saturation Voltage,
Emitter Follower Connection
VCE(SAT)
IDE=1.0A,
VBOOST=VDC=VCC
1.5
1.8
V
Saturation Voltage
VCE(SAT)
IDC=1.0A, IBOOST=50mA,
(Forced
β≈20)
0.4
0.7
V
DC Current Gain
hFE
ISC=1.0A
VCE=5.0V
35
120
Collector Off State Current
IC(OFF)
VCE=30V
10
nA
Comparator
Threshold Voltage
VFB
Ta=25
°C
0
°C≤Ta≤70°C
1.225
1.210
1.250
1.275
1.290
V
V
Threshold voltage Line Regulation
REGLINE
3V
≤VCC≤30V
0.1
0.3
mV/V
Input Bias Current
IIB
VIN=0V
0.4
1.0
µA
Supply Current
ICC
VIS=VCC, PIN 5>VFB,
5.0V
≤VCC≤30V, CT=1nF,
PIN 2=GND, Remaining
pins open
1.6
3.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com