Electronic Components Datasheet Search
  English  ▼

X  

3563 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 3563
Description  LINEAR INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3563 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button 3563 Datasheet HTML 2Page - Unisonic Technologies 3563 Datasheet HTML 3Page - Unisonic Technologies 3563 Datasheet HTML 4Page - Unisonic Technologies 3563 Datasheet HTML 5Page - Unisonic Technologies 3563 Datasheet HTML 6Page - Unisonic Technologies 3563 Datasheet HTML 7Page - Unisonic Technologies 3563 Datasheet HTML 8Page - Unisonic Technologies 3563 Datasheet HTML 9Page - Unisonic Technologies 3563 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UTC3563
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R103-013,B
APPLICATION INFORMATION
DESIGN FORMULA TABLE
CALCULATION
STEP-DOWN
STEP-UP
tON/tOFF
VOUT+VF
VIN(MIN)-VSAT-VOUT
VOUT+VF-VIN(MIN)
VIN(MIN)-VSAT
(tON+tOFF)MAX
1/FMIN
1/FMIN
CT
4x10-5tON
4x10-5tON
IC(SWITCH)
2IOUT(MAX)
tON + tOFF
2IOUT(MAX)(
)
tOFF
RS
0.3/IC(SWITCH)
0.3/IC(SWITCH)
L(MIN)
VIN(MIN)-VSAT-VOUT
(
) tON(MAX)
IC(SWITCH)
VIN(MIN) - VSAT
(
) tON(MAX)
IC(SWITCH)
Co
IC(SWITCH) (tON+tOFF)
8VRIPPLE(P-P)
IOUT tON
VRIPPLE(P-P)
VSAT : Saturation voltage of the output switch
VF : Forward voltage of the ringback rectifier
The following power supply characteristics must be chosen:
VIN : Norminal input voltage
VOUT : Desired output voltage, VOUT=1.25(1+RB/RA)
IOUT : Desired output current
FMIN : Minimum desired switching frequency at selected values for VIN AND IOUT
VRIPPLE(P-P) : Desired peak-to-peak output ripple voltage. In practice, the calculated value will need to be increased
due to the capacitor equivalent series resistance and board layout. The ripple voltage should be kept to
a low value since it will directly affect the line and load regulation.
APPLICATION EXAMPLES
Fig. 1 Simplified Battery Charge Circuit for Ni-Cd/Ni-MH Battery



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com