Electronic Components Datasheet Search
  English  ▼

X  

3563 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3563
Description  LINEAR INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3563 Datasheet(HTML) 1 Page - Unisonic Technologies

  3563 Datasheet HTML 1Page - Unisonic Technologies 3563 Datasheet HTML 2Page - Unisonic Technologies 3563 Datasheet HTML 3Page - Unisonic Technologies 3563 Datasheet HTML 4Page - Unisonic Technologies 3563 Datasheet HTML 5Page - Unisonic Technologies 3563 Datasheet HTML 6Page - Unisonic Technologies 3563 Datasheet HTML 7Page - Unisonic Technologies 3563 Datasheet HTML 8Page - Unisonic Technologies 3563 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UTC3563
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R103-013,B
HIGH-EFFICIENCY DC/DC
CONVERTER
DESCRIPTION
The UTC 3563 is a monolithic control circuit
containing the primary functions required for DC to DC
converters and highside-sensed constant current
source. The device consists of an internal temperature
compensated reference, comparator, controlled duty
cycle oscillator with an active current sense circuit,
bootstrapped driver, and high current output switch.
This device is specifically designed to construct a
constant current source for battery chargers with a
minimum
number
of
external
components.
Bootstrapped driver can drive the NPN output switch
to saturation for higher efficiency and less heat
dissipation. The UTC 3563 can deliver 1.5A
continuous current without requiring a heat sink.
FEATURES
*3V to 30V input voltage operation.
*Internal 2A peak current switch.
*1.5A continuous output current.
*Bootstrapped driver.
*High side current sense capability.
*High efficiency (up to 90%)
*Internal
±2% reference.
*Low quiescent current at 1.6mA.
*Frequency operation from 100Hz to 100KHz.
DIP-8
SOP-8
APPLICATIONS
*Constant current source for battery chargers.
*Saver for cellular phones.
*Step-Down DC-DC converter module.
PIN CONFIGURATION
DC
DE
CF
GND
BOOST
IS
VCC
FB
1
2
3
4
8
7
5
6


Similar Part No. - 3563

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3563 POMONA-3563 Datasheet
129Kb / 2P
Banana Jack To #12, 16, 20 & 22 Pin
logo
Keystone Electronics Co...
3563 KEYSTONE-3563 Datasheet
398Kb / 1P
SMT “AUTO” FUSE CLIPS & HOLDERS
31-07 20th
logo
Adafruit Industries
3563 ADAFRUIT-3563 Datasheet
212Kb / 2P
DIY HDMI Cable Parts - 50 cm HDMI Ribbon Cable
9-6-17
logo
Keystone Electronics Co...
3563 KEYSTONE-3563 Datasheet
1Mb / 4P
“AUTO” FUSE CLIPS & HOLDERS
31-07 20th
logo
Pomona Electronics
3563-0 POMONA-3563-0 Datasheet
129Kb / 2P
Banana Jack To #12, 16, 20 & 22 Pin
More results

Similar Description - 3563

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com