Electronic Components Datasheet Search
  English  ▼

X  

BLF882 Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # BLF882
Description  UHF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF882 Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  BLF882 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF882 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF882 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF882 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF882 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF882 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF882 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF882 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF882 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BLF882_BLF882S#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
3 of 12
BLF882; BLF882S
UHF power LDMOS transistor
6. Characteristics
[1]
ID is the drain current
7. Test information
7.1 Ruggedness in class-AB operation
The BLF882 and BLF882S are capable of withstanding a load mismatch corresponding to
VSWR
 20 : 1 through all phases under the following conditions: VDS =50V;
f = 705 MHz at rated PL(1dB).
Table 6.
DC characteristics
Tj = 25 C; unless otherwise specified.
Symbol Parameter
Conditions
Min Typ
Max Unit
V(BR)DSS drain-source breakdown voltage VGS =0V; ID =1.2 mA
[1] 104 -
-
V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID =120 mA [1] 1.4 1.9
2.4
V
IDSS
drain leakage current
VGS =0V; VDS =50V
-
-
1.4
A
IDSX
drain cut-off current
VGS =VGS(th) + 3.75 V;
VDS =10V
[1] -19
-
A
IGSS
gate leakage current
VGS =10V; VDS = 0 V
-
-
140 nA
RDS(on)
drain-source on-state resistance VGS =VGS(th) + 3.75 V;
ID =4.25A
[1] -
240
-
m
Table 7.
AC characteristics
Tj = 25 C; unless otherwise specified.
Symbol Parameter
Conditions
Min Typ
Max Unit
Ciss
input capacitance
VGS = 0 V; VDS = 50 V; f = 1 MHz
-
105
-
pF
Coss
output capacitance
VGS = 0 V; VDS =50 V; f = 1MHz
-
34
-
pF
Crs
feedback capacitance
VGS = 0 V; VDS =50 V; f = 1MHz
-
0.7
-
pF
Table 8.
RF characteristics
Test signal: CW pulsed; RF characteristics in Ampleon production narrowband test circuit;
Tj =25 C; unless otherwise specified.
Symbol Parameter
Conditions
Min Typ Max Unit
VDS
drain-source voltage
-
50
-
V
IDq
quiescent drain current
-
100 -
mA
PL(AV)
average output power
f = 705 MHz; tp =100 s;  = 10 %
196 200 -
W
Gp
power gain
19.6 20.6 -
dB
D
drain efficiency
60
63
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com