Electronic Components Datasheet Search
  English  ▼

X  

BLF882 Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLF882
Description  UHF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF882 Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLF882 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF882 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF882 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF882 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF882 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF882 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF882 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF882 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF882 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BLF882_BLF882S#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
5 of 12
BLF882; BLF882S
UHF power LDMOS transistor
7.3 Graphical data
7.3.1 DVB-T
7.3.2 CW pulsed
VDS = 50 V; IDq = 100 mA; f = 705 MHz.
VDS = 50 V; IDq = 100 mA; f = 705 MHz; PAR of input
signal = 9.5 dB at 0.01 % probability on CCDF.
Fig 2.
Power gain and drain efficiency as function of
output power; typical values
Fig 3.
Peak-to-average ratio and adjacent channel
power ratio as function of output power;
typical values
aaa-018283
0
20
40
60
80
100
19
10
20
20
21
30
22
40
23
50
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
Gp
Gp
ηD
ηD
aaa-018282
0
20
40
60
80
100
120
1
-37
3
-33
5
-29
7
-25
9
-21
11
-17
PL (W)
PAR
PAR
PAR
(dB)
(dB)
(dB)
ACPR
ACPR
ACPR
(dBc)
(dBc)
(dBc)
ACPR
ACPR
ACPR
PAR
PAR
PAR
VDS = 50 V; f = 705 MHz; tp = 100 s;  =10 %.
(1) IDq = 100 mA
(2) IDq = 200 mA
(3) IDq = 300 mA
VDS = 50 V; f = 705 MHz; tp = 100 s;  =10%.
(1) IDq = 100 mA
(2) IDq = 200 mA
(3) IDq = 300 mA
Fig 4.
Power gain as a function of output power;
typical values
Fig 5.
Drain efficiency as a function of output power;
typical values
aaa-018284
0
50
100
150
200
250
19
20
21
22
23
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
aaa-018285
0
50
100
150
200
250
10
20
30
40
50
60
70
PL (W)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com