Electronic Components Datasheet Search
  English  ▼

X  

AD10465PCB Datasheet(PDF) 6 Page - Analog Devices

Part # AD10465PCB
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10465PCB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD10465PCB Datasheet HTML 2Page - Analog Devices AD10465PCB Datasheet HTML 3Page - Analog Devices AD10465PCB Datasheet HTML 4Page - Analog Devices AD10465PCB Datasheet HTML 5Page - Analog Devices AD10465PCB Datasheet HTML 6Page - Analog Devices AD10465PCB Datasheet HTML 7Page - Analog Devices AD10465PCB Datasheet HTML 8Page - Analog Devices AD10465PCB Datasheet HTML 9Page - Analog Devices AD10465PCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
FREQUENCY – MHz
–130
0
2.5
ENCODE = 65MSPS
AIN = 5MHz (–1dBFS)
SNR = 71.02
SFDR = 92.11dBc
5.0
7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
6
2
3
4
5
TPC 1. Single Tone @ 5 MHz
FREQUENCY – MHz
–130
0
2.5
ENCODE = 65MSPS
AIN = 20MHz (–1dBFS)
SNR = 70.71
SFDR = 79.73dBc
5.0
7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
6
2
3
4
5
TPC 2. Single Tone @ 20 MHz
FREQUENCY – MHz
–130
0
2.5
ENCODE = 65MSPS
AIN = 32MHz (–1dBFS)
SNR = 70.22
SFDR = 66.40dBc
5.0
7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
6
2
3
4
5
TPC 3. Single Tone @ 32 MHz
AD10465–Typical Performance Characteristics
–6–
FREQUENCY – MHz
–130
0
2.5
ENCODE = 65MSPS
AIN = 10MHz (–1dBFS)
SNR = 70.79
SFDR = 86.06dBc
5.0
7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
6
2
3
4
5
TPC 4. Single Tone @ 10 MHz
FREQUENCY – MHz
–130
0
2.5
ENCODE = 65MSPS
AIN = 25MHz (–1dBFS)
SNR = 70.36
SFDR = 74.58dBc
5.0
7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
6
2
3
4
5
TPC 5. Single Tone @ 25 MHz
INPUT FREQUENCY – MHz
4.989
0
10
20
30
40
50
60
70
80
90
100
SFDR
SINAD
9.989
19.000
32.000
TPC 6. SFDR and SINAD vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com