Electronic Components Datasheet Search
  English  ▼

X  

AD10465PCB Datasheet(PDF) 1 Page - Analog Devices

Part # AD10465PCB
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10465PCB Datasheet(HTML) 1 Page - Analog Devices

  AD10465PCB Datasheet HTML 1Page - Analog Devices AD10465PCB Datasheet HTML 2Page - Analog Devices AD10465PCB Datasheet HTML 3Page - Analog Devices AD10465PCB Datasheet HTML 4Page - Analog Devices AD10465PCB Datasheet HTML 5Page - Analog Devices AD10465PCB Datasheet HTML 6Page - Analog Devices AD10465PCB Datasheet HTML 7Page - Analog Devices AD10465PCB Datasheet HTML 8Page - Analog Devices AD10465PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD10465
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Dual Channel, 14-Bit, 65 MSPS A/D Converter
with Analog Input Signal Conditioning
FEATURES
Dual, 65 MSPS Minimum Sample Rate
Channel-to-Channel Matching,
0.5% Gain Error
Channel-to-Channel Isolation, >90 dB
DC-Coupled Signal Conditioning Included
Selectable Bipolar Input Voltage Range
( 0.5 V,
1.0 V,
2.0 V)
Gain Flatness up to 25 MHz: < 0.2 dB
80 dB Spurious-Free Dynamic Range
Two’s Complement Output Format
3.3 V or 5 V CMOS-Compatible Output Levels
1.75 W per Channel
Industrial and Military Grade
APPLICATIONS
Phased Array Receivers
Communications Receivers
FLIR Processing
Secure Communications
GPS Antijamming Receivers
Multichannel, Multimode Receivers
FUNCTIONAL BLOCK DIAGRAM
VREF
DROUT
OUTPUT BUFFERING
TIMING
AINA3 AINA2 AINA1
REF A
3
11
14
VREF
DROUT
AINB2 AINB1
14
AINB3
ENC
ENC
D11A D12A D13A (MSB)
OUTPUT BUFFERING
D0B (LSB)
D1B
D3B
D2B
D4B
D5B
D6B D7B
D8B
TIMING
D9B
9
5
ENC
ENC
DRBOUT
D10B
D11B
D12B
D13B
REF B
D0A (LSB)
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
D9A
D10A
AD10465
DRAOUT
PRODUCT DESCRIPTION
The AD10465 is a full channel ADC solution with on-module
signal conditioning for improved dynamic performance and fully
matched channel-to-channel performance. The module includes
two wide dynamic range AD6644 ADCs. Each AD6644 has a dc-
coupled amplifier front end including an AD8037 low distortion,
high bandwidth amplifier, providing a high input impedance
and gain, and driving the AD8138 single-to-differential ampli-
fier. The AD6644s have on-chip track-and-hold circuitry and
utilize an innovative multipass architecture to achieve 14-bit,
65 MSPS performance. The AD10465 uses innovative high-
density circuit design and laser-trimmed thin-film resistor networks
to achieve exceptional matching and performance, while still
maintaining excellent isolation and providing for significant
board area savings.
The AD10465 operates with
±5.0 V for the analog signal condi-
tioning with a separate 5.0 V supply for the analog-to-digital
conversion and 3.3 V digital supply for the output stage. Each
channel is completely independent, allowing operation with
independent encode and analog inputs. The AD10465 also
offers the user a choice of analog input signal ranges to fur-
ther minimize additional external signal conditioning, while
still remaining general-purpose.
The AD10465 is packaged in a 68-lead Ceramic Gull Wing
package, footprint-compatible with the earlier generation AD10242
(12-bit, 40 MSPS) and AD10265 (12-bit, 65 MSPS). Manufac-
turing is done on Analog Devices, Inc. Mil-38534 Qualified
Manufacturers Line (QML) and components are available up to
Class-H (–40
°C to +85°C). The AD6644 internal components
are manufactured on Analog Devices, Inc. high-speed comple-
mentary bipolar process (XFCB).
PRODUCT HIGHLIGHTS
1. Guaranteed sample rate of 65 MSPS.
2. Input amplitude options, user configurable.
3. Input signal conditioning included; both channels matched
for gain.
4. Fully tested/characterized performance.
5. Footprint compatible family; 68-lead LCC.


Similar Part No. - AD10465PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10465PCB AD-AD10465PCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD10465PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10242 AD-AD10242 Datasheet
251Kb / 16P
Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV.A
AD10265 AD-AD10265 Datasheet
267Kb / 18P
Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD13465 AD-AD13465 Datasheet
1Mb / 20P
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD10200 AD-AD10200 Datasheet
1Mb / 20P
Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
AD15452 AD-AD15452 Datasheet
340Kb / 16P
12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
A/D Converter with Analog Input Signal Conditioning
Rev. B
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
Dual Channel, 14-Bit, 65 MSPS A/D Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com