Electronic Components Datasheet Search
  English  ▼

X  

AD10465PCB Datasheet(PDF) 7 Page - Analog Devices

Part # AD10465PCB
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10465PCB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD10465PCB Datasheet HTML 3Page - Analog Devices AD10465PCB Datasheet HTML 4Page - Analog Devices AD10465PCB Datasheet HTML 5Page - Analog Devices AD10465PCB Datasheet HTML 6Page - Analog Devices AD10465PCB Datasheet HTML 7Page - Analog Devices AD10465PCB Datasheet HTML 8Page - Analog Devices AD10465PCB Datasheet HTML 9Page - Analog Devices AD10465PCB Datasheet HTML 10Page - Analog Devices AD10465PCB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
AD10465
–7–
FREQUENCY – MHz
–130
0
2.5
ENCODE = 65MSPS
AIN = 9MHz AND
10MHz (–7dBFS)
SFDR = 82.83dBc
5.0
7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
F2–
F1
F1+
F2
2F1–
F2
2F2–
F1
2F1+
F2
2F2+
F1
TPC 7. Two Tone @ 9/10 MHz
–1.0
0
2048
ENCODE = 65MSPS
DNL MAX = +0.549 CODES
DNL MIN = –0.549 CODES
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
4096
6144
8192
10240
12288 14336
16384
TPC 8. Differential Nonlinearity
FREQUENCY – MHz
1.0
4.2
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
7.4
10.6
13.8
17.0
20.2
23.4
26.6
29.8
33.0
TPC 9. Gain Flatness
FREQUENCY – MHz
–130
0
2.5
ENCODE = 65MSPS
AIN = 17MHz AND
18MHz (–7dBFS)
SFDR = 77.68dBc
5.0
7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
F2–
F1
F1+
F2
2F1+
F2
2F2+
F1
2F1–
F2
2F2–
F1
TPC 10. Two Tone @ 17/18 MHz
–3.0
0
2048
ENCODE = 65MSPS
INL MAX = +1.173 CODES
INL MIN = –1.332 CODES
–2.0
0
2.0
3.0
4096
6144
8192
10240
12288 14336
16384
1.0
–1.0
TPC 11. Integral Nonlinearity
AIN – MHz
5
67.5
68.0
68.5
69.0
69.5
70.0
70.5
71.0
71.5
72.0
+25 C
10
19
32
–40 C
+85 C
TPC 12. SNR vs. AIN Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com