| Electronic Components Datasheet Search |
|
LP5891 Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP5891 Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 71 page ![]() 7.3 Feature Description 7.3.1 Independent and Stackable Mode The LP5891 can operate in two different modes: independent or stackable. In independent mode, a single LP5891 can drive a 16 × 16 RGB LED matrix, while in stackable mode, up to four LP5891 devices can be stacked together, which means the line switches of one device can be shared to the others. Stacking three LP5891 devices can drive a 48 × 48 RGB LED matrix while stacking four LP5891 devices can drive a 64 × 64 RGB matrix. The mode can be configured by the MOD_SIZE (see FC2 for more details). 7.3.1.1 Independent Mode Figure 7-1 shows an implementation of a 16 × 32 RGB LED matrix using two LP5891 devices in independent mode. Each device is responsible for its own 16 ×16 RGB LED matrix, which means that all the data for section A is stored in device 1 and the data for section B is stored in device 2. Figure 7-1. Two Devices in Independent Mode The unused line must be assigned to the last several lines of the device. For example, if there are only 14 scanning lines, then the two unused lines must be assigned to 1_LS14 and 1_LS15. 7.3.1.2 Stackable Mode While operating the LP5891 in stackable mode, as shown in below table. Table 7-1. Stackable Mode Mode Matrix Size Register Value Scan Sequence Mode1 16x32 000b D1, D2 independent Mode2 32x32 001b D1->D2 Mode3 48x48 010b D1->D2->D3 Mode4 48x48 011b D1->D3->D2 Mode5 48x64 100b D1->D2->D3 Mode6 48x64 101b D1->D3->D2 Mode7 64x64 110b D1->D2->D3->D4 Mode8 64x64 111b D1->D4->D2->D3 Figure 7-2 device 2 needs to be rotated 180o relative to device 1. This action allows the position of line switches to be near the center column of the LED matrix for better routing. For device 1, the lines connect sequentially (line switch 0 connected to scan line 1). However on device 2, it is connected in reverse order, with the 16th scan line is connected to line switch 15 and the 32nd scan line is connected to line switch 0. Figure 7-2 shows the connection between two LP5891 devices in stackable mode driving 32 × 32 RGB LED pixels. The MOD_SIZE must be configured to 001b. Device 1 supplies 16 line switches for the first 16 scan line, and device 2 supplies 16 line switches for scan line 17-32. The data for matrix sections A and C are stored in device 1, while matrix sections B and D data are stored in device 2. To make sure the scanning sequence is still from 1st line to 32nd line, the scan line switching order of the second device must be reversed, which can be configured by the SCAN_REV (see FC4 for more details). www.ti.com LP5891 SLDS269A – MARCH 2022 – REVISED MAY 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 13 Product Folder Links: LP5891 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |