Electronic Components Datasheet Search
  English  ▼

X  

LP5891 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LP5891
Description  LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5891 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP5891 Datasheet HTML 15Page - Texas Instruments LP5891 Datasheet HTML 16Page - Texas Instruments LP5891 Datasheet HTML 17Page - Texas Instruments LP5891 Datasheet HTML 18Page - Texas Instruments LP5891 Datasheet HTML 19Page - Texas Instruments LP5891 Datasheet HTML 20Page - Texas Instruments LP5891 Datasheet HTML 21Page - Texas Instruments LP5891 Datasheet HTML 22Page - Texas Instruments LP5891 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
+
–
VR
LODVTH_R
+
–
VG
LODVTH_G
+
–
VB
LODVTH_B
+
–
LODVTH_R
+
–
VG
LODVTH_G
+
–
VR
LODVTH_B
48-bit LOD Data
VB
48-bit Common Shift Register
SCLK
SIN
SOUT
READLOD
48-bit
LSB
MSB
Channel
Control
Channel
Control
Channel
Control
Channel
Control
Channel
Control
Channel
Control
LOD Detection
0b - Normal
1b - LED-open
Figure 7-8. LED Open Detection Circuit
The LED open detection function records the position of the open LED, which contains the scan line number and
relevant channel number. The scan line order is stored LOD_LINE_WARN register (see FC16, FC17 for more
details), and the channel number is latched into the internal 48-bit LOD data register (see FC20 for more details)
at the end of each segment. Figure 7-9 shows the bit arrangement of the LOD data register.
Figure 7-9. Bit Arrangement in LOD Data Register
7.3.5.3.2 Read LED Open Information
The LOD readback function must be enabled before read LED open information. This function is enabled by
LOD_LSD_RB (see FC3 for more details).
Figure 7-10 shows the steps to read LED open information. Wait at least one sub-period time between Step2
and Step3 command.
www.ti.com
LP5891
SLDS269A – MARCH 2022 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LP5891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com