Electronic Components Datasheet Search
  English  ▼

X  

LP5891 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP5891
Description  LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5891 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5891 Datasheet HTML 13Page - Texas Instruments LP5891 Datasheet HTML 14Page - Texas Instruments LP5891 Datasheet HTML 15Page - Texas Instruments LP5891 Datasheet HTML 16Page - Texas Instruments LP5891 Datasheet HTML 17Page - Texas Instruments LP5891 Datasheet HTML 18Page - Texas Instruments LP5891 Datasheet HTML 19Page - Texas Instruments LP5891 Datasheet HTML 20Page - Texas Instruments LP5891 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
to 0 to disable the bypass switch (enable the ½ divider), while the GCLK frequency is higher than 80 MHz, the
GCLK_MOD is set to 1 to enable the bypass switch (disable the ½ divider).
1/2
SCLK
GCLK_MUL
GCLK_MOD
GCLK
Figure 7-6. Frequency Multiplier Block Diagram
7.3.4 Line Transitioning Sequence
The LP5891 defines a timing sequence of scan line transition, shown as Figure 7-7. T_SW is the total
transitioning time. T_SW is broken up into four intervals: T0 is the time interval between the end of PWM time
in current segment and the beginning of channel pre-discharge, T1 is the time interval between the beginning
of the channel pre-discharge and the beginning of current line OFF, T2 is the time interval that the beginning of
current line OFF and the beginning of next line ON, T3 is the time interval of the beginning of next line ON and
the beginning of PWM time in next segment.
Figure 7-7. Line Transitioning Sequence
The line switch time T_SW equals to T0 + T1 + T2 + T3. T_SW can be configured by the LINE_SWT (see FC1
register bit 40-37 in Table 7-8).
Table 7-4 is the relation between LINE_SWT bits and the line switch time (GCLK numbers) with different internal
GCLK frequency.
Table 7-4. Line Switch Time
LINE_SW
T
GCLK
Numbers
T_SW (us, 40
MHZ GCLK)
T_SW (us, 60 MHZ
GCLK)
T_SW (us, 100 MHZ
GCLK)
T_SW (us, 120 MHZ
GCLK)
T_SW (us, 160 MHZ
GCLK)
0000b
45
1.125
0.7515
0.45
0.3735
0.2835
0001b
60
1.5
1.002
0.6
0.498
0.378
0010b
90
2.25
1.503
0.9
0.747
0.567
0011b
120
3
2.004
1.2
0.996
0.756
0100b
150
3.75
2.505
1.5
1.245
0.945
0101b
180
4.5
3.006
1.8
1.494
1.134
0110b
210
5.25
3.507
2.1
1.743
1.323
0111b
240
6
4.008
2.4
1.992
1.512
1000b
270
6.75
4.509
2.7
2.241
1.701
1001b
300
7.5
5.01
3
2.49
1.89
www.ti.com
LP5891
SLDS269A – MARCH 2022 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LP5891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com