Electronic Components Datasheet Search
  English  ▼

X  

LP5891 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP5891
Description  LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5891 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5891 Datasheet HTML 12Page - Texas Instruments LP5891 Datasheet HTML 13Page - Texas Instruments LP5891 Datasheet HTML 14Page - Texas Instruments LP5891 Datasheet HTML 15Page - Texas Instruments LP5891 Datasheet HTML 16Page - Texas Instruments LP5891 Datasheet HTML 17Page - Texas Instruments LP5891 Datasheet HTML 18Page - Texas Instruments LP5891 Datasheet HTML 19Page - Texas Instruments LP5891 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
The maximum output current per channel, IOUTSET, is determined by resistor RIREF, and the GAINBC. The voltage
on IREF is typically 0.8 V. RIREF can be calculated by Equation 1 below. For noise immunity purpose, suggest
RIREF < 40 kΩ.
4
+4'(
(G×) =
8
+4'(
(8)
+
+4'(
(I#)
=
8
+4'(
(8)
+
1765'6
(I#)
× )#+0($%)
(1)
7.3.2.2 Color Brightness Control (CC) Function
The LP5891 device is able to adjust the output current of each of the three color groups R0-R15, G0-G15, and
B0-B15 separately. This function is called color brightness control (CC). For each color, it has 8-bit data register,
CC_R, CC_G, or CC_B. Thus, all color group output currents can be adjusted in 256 steps from 0% to 100%
of the maximum output current, IOUTSET. The output current of each color, IOUT_R (or G or B) can be calculated by
Equation 2 below.
+
176
_4(KN ) KN $) =
+
1765'6
×
1 + %%_4(KN %%_) KN %%_$)
256
(2)
Table Table 7-3 shows the CC data versus the constant-current against IOUTSET:
Table 7-3. CC Data vs Current Ratio
CC Register (CC_R or CC_G or
CC_B)
Ratio of IOUTSET
0000 0000b
1/256
0.39%
0000 0001b
2/256
0.78%
...
...
...
0111 1111b (default)
128/256
50%
...
...
...
1111 1110b
255/256
99.61%
1111 1111b
256/256
100%
7.3.2.3 Choosing BC/CC for a Different Application
BC is mainly used for global brightness adjustment to adapt to ambient brightness, such as between day and
night, indoor and outdoor.
• Suggested BC is 3h or 4h, which is in the middle of the range, allowing flexible changes in brightness up and
down.
• If the current of one color group (usually R LEDs) is close to the output maximum current (10 mA or 20
mA), to prevent the constant output current from exceeding the upper limit in case a larger BC code is input
accidentally, choose the maximum BC value, 7h.
• If the current of one color group (usually B LEDs) is close to the output minimum current (0.2 mA), to prevent
the constant output current from exceeding the lower limit in case a lower BC code is input accidentally,
choose the minimum BC code, 0h.
CC can be used to fine tune the brightness in 256 steps. This is suitable for white balance adjustment between
RGB color group. To get a pure white color, the general requirement for the luminous intensity ratio of R, G,
B LED is 5:3:2. Depending on the characteristics of the LED (Electro-Optical conversion efficiency), the current
ratio of R, G, B LED is much different from this ratio. Usually, the Red LED needs the largest current. Choose
255d (the maximum value) CC code for the color group that needs the largest initial current, then choose proper
CC code for the other two color groups according to the current ratio requirement of the LED used.
7.3.3 Frequency Multiplier
The LP5891 has an internal frequency multiplier to generate the GCLK by SCLK. The GCLK frequency can be
configured by FREQ_MOD (See FC0 for more details) and FREQ_MUL (see FC0 for more details ) from 40 MHz
to 160 MHz. As Figure 7-6 shows, if the GCLK frequency is not higher than 80 MHz, the GCLK_MOD is set
LP5891
SLDS269A – MARCH 2022 – REVISED MAY 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP5891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com