Electronic Components Datasheet Search
  English  ▼

X  

TLVM13620 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13620
Description  TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13620 Datasheet(HTML) 4 Page - Texas Instruments

  TLVM13620 Datasheet HTML 1Page - Texas Instruments TLVM13620 Datasheet HTML 2Page - Texas Instruments TLVM13620 Datasheet HTML 3Page - Texas Instruments TLVM13620 Datasheet HTML 4Page - Texas Instruments TLVM13620 Datasheet HTML 5Page - Texas Instruments TLVM13620 Datasheet HTML 6Page - Texas Instruments TLVM13620 Datasheet HTML 7Page - Texas Instruments TLVM13620 Datasheet HTML 8Page - Texas Instruments TLVM13620 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Table 6-1. Pin Functions (continued)
Pin
Type(1)
Description
Name
NO.
AGND
6, 11
G
Analog ground. Zero-voltage reference for internal references and logic. All electrical parameters are
measured with respect to this pin. These pins must be connected to PGND. See Section 11.2 for a
recommended layout.
VCC
7
O
Internal LDO output. Used as a supply to the internal control circuits. Do not connect to any external
loads. A 1-μF capacitor internally connects from VCC to AGND.
VOUT1,
VOUT2
8, 9
P
Output voltage. These pins are connected to the internal buck inductor. Connect these pins to the output
load and connect external output capacitors between these pins and PGND.
FB
10
I
Feedback input. Connect the midpoint of the feedback resistor divider to this pin. Connect the upper
resistor (RFBT) of the feedback divider to VOUT at the desired point of regulation. Connect the lower
resistor (RFBB) of the feedback divider to AGND. Do not leave open or connect to ground.
RT
12
I
Frequency setting pin used to set the switching frequency between 200 kHz and 2.2 MHz by placing an
external resistor from RT to AGND. Do not leave open or connect to ground.
PG
13
O
Open-drain power-good monitor output that asserts low if the FB voltage is not within the specified
window thresholds. A 10-kΩ to 100-kΩ pullup resistor to a suitable voltage is required. If not used, PG
can be left open or connected to GND.
EN
14
I
Precision enable input pin. High = on, Low = off. Can be connected to VIN. Precision enable allows
the pin to be used as an adjustable input voltage UVLO. The module can be turned off by using an
open-drain/collector device to connect this pin to AGND. Connect an external resistor divider between
this pin, VIN and AGND to create an external UVLO.
NC
15
—
No connection. Tie to GND or leave open.
PGND
17, 18,
19, 20
G
Power ground. This is the return current path for the power stage of the device. Connect these pads to
the input supply return, the load return, and the capacitors associated with the VIN and VOUT pins. See
Section 11.2 for a recommended layout.
(1)
P = Power, G = Ground, I = Input, O = Output
TLVM13640
SLVSGJ7 – APRIL 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLVM13640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com