Electronic Components Datasheet Search
  English  ▼

X  

TLVM13620 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13620
Description  TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13620 Datasheet(HTML) 2 Page - Texas Instruments

  TLVM13620 Datasheet HTML 1Page - Texas Instruments TLVM13620 Datasheet HTML 2Page - Texas Instruments TLVM13620 Datasheet HTML 3Page - Texas Instruments TLVM13620 Datasheet HTML 4Page - Texas Instruments TLVM13620 Datasheet HTML 5Page - Texas Instruments TLVM13620 Datasheet HTML 6Page - Texas Instruments TLVM13620 Datasheet HTML 7Page - Texas Instruments TLVM13620 Datasheet HTML 8Page - Texas Instruments TLVM13620 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings........................................ 5
7.2 ESD Ratings............................................................... 5
7.3 Recommended Operating Conditions.........................6
7.4 Thermal Information....................................................6
7.5 Electrical Characteristics.............................................7
7.6 System Characteristics............................................... 8
7.7 Typical Characteristics................................................ 9
7.8 Typical Characteristics (VIN = 12 V).......................... 11
7.9 Typical Characteristics (VIN = 24 V).......................... 12
8 Detailed Description......................................................13
8.1 Overview................................................................... 13
8.2 Functional Block Diagram......................................... 13
8.3 Feature Description...................................................14
8.4 Device Functional Modes..........................................19
9 Applications and Implementation................................ 20
9.1 Application Information............................................. 20
9.2 Typical Applications.................................................. 20
10 Power Supply Recommendations..............................28
11 Layout........................................................................... 29
11.1 Layout Guidelines................................................... 29
11.2 Layout Example...................................................... 30
12 Device and Documentation Support..........................32
12.1 Device Support....................................................... 32
12.2 Documentation Support.......................................... 33
12.3 Receiving Notification of Documentation Updates..33
12.4 Support Resources................................................. 33
12.5 Trademarks.............................................................33
12.6 Electrostatic Discharge Caution..............................33
12.7 Glossary..................................................................33
13 Mechanical, Packaging, and Orderable
Information.................................................................... 33
4 Revision History
DATE
REVISION
NOTES
April 2022
*
Initial release
TLVM13640
SLVSGJ7 – APRIL 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLVM13640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com