Electronic Components Datasheet Search
  English  ▼

X  

TLVM13620 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13620
Description  TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13620 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLVM13620 Datasheet HTML 21Page - Texas Instruments TLVM13620 Datasheet HTML 22Page - Texas Instruments TLVM13620 Datasheet HTML 23Page - Texas Instruments TLVM13620 Datasheet HTML 24Page - Texas Instruments TLVM13620 Datasheet HTML 25Page - Texas Instruments TLVM13620 Datasheet HTML 26Page - Texas Instruments TLVM13620 Datasheet HTML 27Page - Texas Instruments TLVM13620 Datasheet HTML 28Page - Texas Instruments TLVM13620 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
9.2.2 Design 2 – Inverting Buck-Boost Regulator with Negative Output Voltage
Figure 9-10 shows the schematic diagram of an inverting buck-boost (IBB) regulator with an output of –5 V at –3
A and a switching frequency of 1.2 MHz. In this example, the target half-load and full-load efficiencies are 90%
and 90.5%, respectively, based on a nominal input voltage of 24 V that ranges from 10 V to 31 V.
PG
EN
RT
PGND
AGND
VOUT1
FB
VLDOIN
VIN1
PGND
VIN2
CIN2
COUT
RFBB
TLVM13640
RRT
IOUT(max) = –3 A
VIN = 10 V to 31 V
RENT
RENB
Optional
external bias
VIN(on) = 8.9 V
VCC
VOUT = –5 V
CIN1
VOUT2
3
47 F
10.7 k
25.5 k
102 k
10 F
10 F
100 k
604 k
RFBT
Precision
enable for
VIN UVLO
–VOUT
–VOUT
–VOUT
–VOUT
–VOUT
CIN3
10 F
VOUT+
VOUT–
VIN+
VIN–
U1
CBOOT
RBOOT
Figure 9-10. Circuit Schematic
9.2.2.1 Design Requirements
Table 9-3 shows the intended input, output, and performance parameters for this application example. With an
IBB topology, the module sees a total current of IIN + |–IOUT|, which is highest at minimum input voltage.
Table 9-3. Design Parameters
Design Parameter
Value
Input voltage range
10 V to 31 V
Input voltage UVLO turn on
8.9 V
Output voltage
–5 V
Full-load current
–3 A
Switching frequency
1.2 MHz
Output voltage regulation
±1%
Table 9-4 gives the selected buck module power-stage components with availability from multiple vendors. This
design uses an all-ceramic output capacitor implementation.
Table 9-4. List of Materials for Application Circuit 2
Ref Des
Qty
Specification
Manufacturer(1)
Part Number
CIN1, CIN2, CIN3
3
10 µF, 50 V, X7R, 1210, ceramic
Kemet
C1210C106K5RACTU
TDK
CNA6P1X7R1H106K
COUT1, COUT2
2
47 µF, 10 V, X7R, 1210, ceramic
Murata
GRM32ER71A476ME15L
100 µF, 6.3 V, X7S, 1210, ceramic
Murata
GRT32EC70J107ME13L
U1
1
TLVM13640 36-V, 4-A synchronous buck module
Texas Instruments
TLVM13640RDLR
(1)
See the Third-Party Products Disclaimer.
www.ti.com
TLVM13640
SLVSGJ7 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TLVM13640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com