Electronic Components Datasheet Search
  English  ▼

X  

TLVM13620 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13620
Description  TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13620 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLVM13620 Datasheet HTML 17Page - Texas Instruments TLVM13620 Datasheet HTML 18Page - Texas Instruments TLVM13620 Datasheet HTML 19Page - Texas Instruments TLVM13620 Datasheet HTML 20Page - Texas Instruments TLVM13620 Datasheet HTML 21Page - Texas Instruments TLVM13620 Datasheet HTML 22Page - Texas Instruments TLVM13620 Datasheet HTML 23Page - Texas Instruments TLVM13620 Datasheet HTML 24Page - Texas Instruments TLVM13620 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Table 9-1. Design Parameters
Design Parameter
Value
Input voltage range
9 V to 36 V
Input voltage UVLO turn on, off
6 V, 4.3 V
Output voltage
5 V
Maximum output current
4 A
Switching frequency
1 MHz
Output voltage regulation
±1%
Module shutdown current
< 1 µA
Table 9-2 gives the selected buck module power-stage components with availability from multiple vendors. This
design uses an all-ceramic output capacitor implementation.
Table 9-2. List of Materials for Application Circuit 1
Reference
Designator
Qty
Specification
Manufacturer(1)
Part Number
CIN1, CIN2
2
10 µF, 50 V, X7R, 1210, ceramic
Taiyo Yuden
UMJ325KB7106KMHT
TDK
CNA6P1X7R1H106K
10 µF, 50 V, X7S, 1210, ceramic
Murata
GCM32EC71H106KA03
TDK
CGA6P3X7S1H106M
COUT1, COUT2
2
47 µF, 6.3 V, X7R, 1210, ceramic
Murata
GRM32ER70J476ME20K
AVX
12106C476MAT2A
47 µF, 10 V, X7R, 1210, ceramic
Murata
GRM32ER71A476ME15L
AVX
1210ZC476MAT2A
100 µF, 6.3 V, X7S, 1210, ceramic
Murata
GRM32EC70J107ME15L
U1
1
TLVM13640 36-V, 4-A synchronous buck module
Texas Instruments
TLVM13640RDLR
(1)
See the Third-Party Products Disclaimer.
More generally, the TLVM13640 module is designed to operate with a wide range of external components
and system parameters. However, the integrated loop compensation is optimized for a certain range of output
capacitance.
9.2.1.2 Detailed Design Procedure
9.2.1.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the TLVM13640 module with WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance.
• Run thermal simulations to understand board thermal performance.
• Export customized schematic and layout into popular CAD formats.
• Print PDF reports for the design, and share the design with colleagues.
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
www.ti.com
TLVM13640
SLVSGJ7 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLVM13640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com