Electronic Components Datasheet Search
  English  ▼

X  

ATAR080-D Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATAR080-D
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080-D Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATAR080-D Datasheet HTML 6Page - ATMEL Corporation ATAR080-D Datasheet HTML 7Page - ATMEL Corporation ATAR080-D Datasheet HTML 8Page - ATMEL Corporation ATAR080-D Datasheet HTML 9Page - ATMEL Corporation ATAR080-D Datasheet HTML 10Page - ATMEL Corporation ATAR080-D Datasheet HTML 11Page - ATMEL Corporation ATAR080-D Datasheet HTML 12Page - ATMEL Corporation ATAR080-D Datasheet HTML 13Page - ATMEL Corporation ATAR080-D Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
10
ATAR080
4675D–4BMCU–12/04
Master Reset
The master reset forces the CPU into a well-defined condition. It is unmaskable and is
activated independent of the current program state. It can be triggered by either initial
supply power-up, a short collapse of the power supply, the brown-out detection circuitry,
an watchdog time-out, or an external input clock supervisor stage (see Figure 9).
A master reset activation will reset the interrupt enable flag, the interrupt pending regis-
ter and the interrupt active register. During the power-on reset phase, the I/O bus control
signals are set to reset mode thereby initializing all on-chip peripherals. All bi-directional
ports are set to input mode.
Attention: During any reset phase, the BP20/NTE input is driven towards V
DD by an
additional internal strong pull-up transistor. This pin must not be pulled down to V
SS dur-
ing reset by any external circuitry representing a resistor of less than 150 k
Ω.
Releasing the reset results in a short call instruction (opcode C1h) to the ROM address
008h. This activates the initialization routine $RESET which in turn has to initialize all
necessary RAM variables, stack pointers and peripheral configuration registers.
Figure 9. Reset Configuration
Power-on Reset and
Brown-out Detection
The ATAR080 has a fully integrated power-on reset and brown-out detection circuitry.
For reset generation no external components are needed.
These circuits ensure that the core is held in the reset state until the minimum operating
supply voltage has been reached. A reset condition will also be generated should the
supply voltage drop momentarily below the minimum operating level except when a
power-down mode is activated (the core is in SLEEP mode and the peripheral clock is
stopped). In this power-down mode the brown-out detection is disabled.
Two values for the brown-out voltage threshold are programmable via the BOT bit in the
SC register.
Reset
timer
V
DD
CL
Power-on
reset
Internal
reset
res
CL = SYSCL/4
Brown-out
detection
Watch-
dog
CWD
res
Ext. clock
supervisor
ExIn
Pull-up
NRST
V
DD
V
SS
V
DD
V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com