Electronic Components Datasheet Search
  English  ▼

X  

ATAR080-D Datasheet(PDF) 56 Page - ATMEL Corporation

Part # ATAR080-D
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080-D Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button ATAR080-D Datasheet HTML 52Page - ATMEL Corporation ATAR080-D Datasheet HTML 53Page - ATMEL Corporation ATAR080-D Datasheet HTML 54Page - ATMEL Corporation ATAR080-D Datasheet HTML 55Page - ATMEL Corporation ATAR080-D Datasheet HTML 56Page - ATMEL Corporation ATAR080-D Datasheet HTML 57Page - ATMEL Corporation ATAR080-D Datasheet HTML 58Page - ATMEL Corporation ATAR080-D Datasheet HTML 59Page - ATMEL Corporation ATAR080-D Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
56
ATAR080
4675D–4BMCU–12/04
Input LOW current (static pull-up)
V
DD = 3.0 V, VIL = VSS
VDD = 6.5 V
I
IL
-80
-300
-160
-600
-320
-1200
µA
µA
Input LOW current (static pull-down)
VDD = 3.0 V, VIH = VDD
V
DD = 6.5 V
IIH
80
300
160
600
320
1200
µA
µA
Input leakage current
V
IL = VSS
I
IL
100
nA
Input leakage current
V
IH = VDD
I
IH
100
nA
Output LOW current
V
OL = 0.2 × VDD
V
DD = 3.0 V,
V
DD = 6.5 V
I
OL
3
8
5
15
8
22
mA
mA
Output HIGH current
V
OH = 0.8 × VDD
V
DD = 3.0 V,
V
DD = 6.5 V
I
OH
-3
-8
-5
-16
-8
-24
mA
mA
Electrical Characteristics – DC Operating (Continued)
V
SS = 0 V, Tamb = -40°C to +85°C unless otherwise specified
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Note:
The pin BP20/NTE has a static pull-up resistor during the reset-phase of the microcontroller.
Electrical Characteristics – Operation Cycle Time
V
SS = 0 V, Tamb = -40°C to 85°C
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
System clock cycle
V
DD = 1.8 V to 6.5 V
t
SYSCL
0.5
100
µs
V
DD = 2.4 V to 6.5 V
t
SYSCL
0.25
100
µs
Electrical Characteristics – AC Operating
Supply voltage V
DD = 1.8 V to 6.5 V, VSS = 0 V, Tamb = 25°C unless otherwise specified
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Timer 2 Input Timing Pin T2I
Timer 2 input clock
f
T2I
5MHz
Timer 2 input LOW time
Rise/fall time < 10 ns
t
T2IL
100
ns
Timer 2 input HIGH time
Rise/fall time < 10 ns
t
T2IH
100
ns
Interrupt Request Input Timing
Interrupt request LOW time
Rise/fall time < 10 ns
t
IRL
100
ns
Interrupt request HIGH time
Rise/fall time < 10 ns
t
IRH
100
ns
External System Clock
EXSCL at OSC1 input
ECM = EN, rise/fall time < 10 ns
f
EXSCL
0.5
8
MHz
EXSCL at OSC1 input
ECM = DI, rise/fall time < 10 ns
f
EXSCL
0.02
8
MHz
Input HIGH time
Rise/fall time < 10 ns
t
IH
0.1
µs
Reset Timing
Power-on reset time
V
DD > VPOR
t
POR
1.5
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com