Electronic Components Datasheet Search
  English  ▼

X  

ATAR080-D Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATAR080-D
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080-D Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATAR080-D Datasheet HTML 28Page - ATMEL Corporation ATAR080-D Datasheet HTML 29Page - ATMEL Corporation ATAR080-D Datasheet HTML 30Page - ATMEL Corporation ATAR080-D Datasheet HTML 31Page - ATMEL Corporation ATAR080-D Datasheet HTML 32Page - ATMEL Corporation ATAR080-D Datasheet HTML 33Page - ATMEL Corporation ATAR080-D Datasheet HTML 34Page - ATMEL Corporation ATAR080-D Datasheet HTML 35Page - ATMEL Corporation ATAR080-D Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
32
ATAR080
4675D–4BMCU–12/04
Timer 2 Modes
Mode 1: 12-bit Compare Counter
The 4-bit stage and the 8-bit stage work together as a 12-bit compare counter. A com-
pare match signal of the 4-bit and the 8-bit stage generates the signal for the counter
reset, toggle flip-flop or interrupt. The compare action is programmable via the compare
mode register (T2CM). The 4-bit counter overflow (OVF1) supplies the clock output
(POUT) with clocks. The duty cycle generator (DCG) has to be bypassed in this mode.
Figure 30. 12-bit Compare Counter
Mode 2: 8-bit Compare Counter with 4-bit Programmable Prescaler
The 4-bit stage is used as a programmable prescaler for the 8-bit counter stage. In this
mode, a duty cycle stage is also available. This stage can be used as an additional 2-bit
prescaler or for generating duty cycles of 25%, 33% and 50%. The 4-bit compare output
(CM1) supplies the clock output (POUT) with clocks.
Figure 31. 8-bit Compare Counter
Mode 3/4: 8-bit Compare Counter and 4-bit Programmable Prescaler
In these modes the 4-bit and the 8-bit counter stages work independently as a 4-bit
prescaler and an 8-bit timer with a 2-bit prescaler or as a duty cycle generator. Only in
mode 3 and mode 4 can the 8-bit counter be supplied via the external clock input (T2I)
which is selected via the P4CR register. The 4-bit prescaler is started by activating
mode 3 and stopped and reset in mode 4. Changing mode 3 and 4 has no effect for the
8-bit timer stage. The 4-bit stage can be used as a prescaler for the SSI or to generate
the stop signal for modulator 2.
4-bit counter
4-bit compare
RES
4-bit register
CM1
POUT (CL2/1/16)
8-bit counter
8-bit compare
8-bit register
OVF2
CM2
RES
T2RM
T2OTM
Timer 2
output mode
and T2OTM-bit
T2IM
T2CTM
TOG2
INT4
CL2/1
DCG
T2D1, 0
4-bit counter
4-bit compare
RES
4-bit register
CM1
POUT
8-bit counter
8-bit compare
8-bit register
OVF2
CM2
RES
T2RM
T2OTM
Timer 2
output mode
and T2OTM-bit
T2IM
T2CTM
TOG2
INT4
CL2/1
DCG
T2D1, 0
DCGO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com