Electronic Components Datasheet Search
  English  ▼

X  

ATAR080-D Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATAR080-D
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080-D Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATAR080-D Datasheet HTML 23Page - ATMEL Corporation ATAR080-D Datasheet HTML 24Page - ATMEL Corporation ATAR080-D Datasheet HTML 25Page - ATMEL Corporation ATAR080-D Datasheet HTML 26Page - ATMEL Corporation ATAR080-D Datasheet HTML 27Page - ATMEL Corporation ATAR080-D Datasheet HTML 28Page - ATMEL Corporation ATAR080-D Datasheet HTML 29Page - ATMEL Corporation ATAR080-D Datasheet HTML 30Page - ATMEL Corporation ATAR080-D Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
27
ATAR080
4675D–4BMCU–12/04
Universal Timer/Counter/
Communication Module
(UTCM)
The Universal Timer/Counter/Communication Module (UTCM) consists of Timer 1,
Timer 2 and a Synchronous Serial Interface (SSI).
•
Timer 1 is an interval timer that can be used to generate periodical interrupts and as
prescaler for Timer 2, the serial interface and the watchdog function.
•
Timer 2 is an 8/12-bit timer with an external clock input (T2I) and an output (T2O).
•
The SSI operates as a two-wire serial interface or as a shift register for modulation.
The modulator units work together with the timers and shift the data bits out of the
shift register.
There is a multitude of modes in which the timers and the serial interface can work
together.
Figure 26. UTCM Block Diagram
Timer 1
Timer 1 is an interval timer which can be used to generate periodic interrupts and as a
prescaler for Timer 2, Timer 3, the serial interface and the watchdog function.
Timer 1 consists of a programmable 14-stage divider that is driven by either SUBCL or
SYSCL. The timer output signal can be used as a prescaler clock or as SUBCL and as a
source for the Timer 1 interrupt. Because of other system requirements, Timer 1 output
T1OUT is synchronized with SYSCL. Therefore, in the power-down mode SLEEP (CPU
core
→sleep and OSC-Stop →yes) the output T1OUT is stopped (T1OUT = 0). Never-
theless, Timer 1 can be active in SLEEP and generate Timer 1 interrupts. The interrupt
is maskable via the T1IM bit and the SUBCL can be bypassed via the T1BP bit of the
T1C2 register. The time interval for the timer output can be programmed via the Timer 1
control register T1C1.
This timer starts running automatically after any power-on reset! If the watchdog func-
tion is not activated, the timer can be restarted by writing into the T1C1 register with
T1RM = 1.
MUX
Watchdog
Interval/Prescaler
Timer 1
Modu-
lator 2
4-bit Counter 2/1
Compare 2/1
MUX
MUX
DCG
8-bit Counter 2/2
Compare 2/2
Control
Timer 2
MUX
8-bit Shift-register
Receive-buffer
Transmit-buffer
Control
SSI
SCL
INT4
INT2
NRST
INT3
POUT
TOG2
T1OUT
SUBCL
SYSCL
from clock module
T2I
T2O
SC
SD
I/O bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com