Electronic Components Datasheet Search
  English  ▼

X  

STC12C5402 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # STC12C5402
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC12C5402 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button STC12C5402 Datasheet HTML 19Page - List of Unclassifed Manufacturers STC12C5402 Datasheet HTML 20Page - List of Unclassifed Manufacturers STC12C5402 Datasheet HTML 21Page - List of Unclassifed Manufacturers STC12C5402 Datasheet HTML 22Page - List of Unclassifed Manufacturers STC12C5402 Datasheet HTML 23Page - List of Unclassifed Manufacturers STC12C5402 Datasheet HTML 24Page - List of Unclassifed Manufacturers STC12C5402 Datasheet HTML 25Page - List of Unclassifed Manufacturers STC12C5402 Datasheet HTML 26Page - List of Unclassifed Manufacturers STC12C5402 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
23
中断
STC12C5410AD 系列 1T 8051 单片机 中断 特殊功能寄存器 Interrupt SFRs
STC12C5410AD 系列  中断与普通 8051 完全兼容,优先级可设为 4 级。
Interrupt
Source
中断源
Vector
Address
中断
向量地址
Polling
Sequence
中断
查询次序
中断
优先级设置
优先级0
最低
优先级1 优先级2
优先级3
最高
Interrupt
Request
中断请求
/INT0
0003H
0(最优先) PX0H,PX0
0,0
0,1
1,0
1,1
IE0
Timer 0
000BH
1
PT0H,PT0
0,0
0,1
1,0
1,1
TF0
/INT1
0013H
2
PX1H,PX1
0,0
0,1
1,0
1,1
IE1
Timer 1
001BH
3
PT1H,PT1
0,0
0,1
1,0
1,1
IF1
UART
0023H
4
PSH,  PS
0,0
0,1
1,0
1,1
RI + TI
ADC/SPI
002BH
5
PADC_SPIH,PADC_SPI 0,0
0,1
1,0
1,1
ADC_FLAG + SPIF
PCA/LVD
0033H
6
PPCA_LVDH,PPCA_LVD 0,0
0,1
1,0
1,1
CF +
CCF0 + CCF1 + CCF2 + CCF3
+ LVDF
Mnemonic
Add Name
 7
 6
   5
 4
 3
 2
 1
 0
Reset Value
IE
A8h Interrupt  Enable
EA
 EPCA_LVD
EADC_SPI
ES
ET1
EX1
ET0
EX0
0000,0000
IP
B8h
Interrupt  Priority
Low
 -
 PPCA_LVD
PADC_SPI
PS
PT1
PX1
PT0
PX0
xx00,0000
IPH
B7h
Interrupt  Priority
High
 -
PPCA_LVDH PADC_SPIH
PSH
PT1H
PX1H
PT0H
PX0H
0000,0000
TCON
88h
Timer / Counter 0 and
1 Control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
0000,0000
SCON
98h Serial  Control
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
0000,0000
PCON
87h Power  Control
SMOD
 SMOD0
 LVDF
POF
GF1
GF0
PD
IDL
0011,0000
AUXR
8Eh Auxiliary  Register
T0x12
   T1x12
UART_M0x6
EADCI
ESPI
ELVDI
 -
 -
0000,00xx
ADC_CONTR C5h A/D 转换控制寄存器
ADC_POWER
 SPEED1
SPEED0
ADC_FLAG
ADC_START
CHS2
CHS1
CHS0
0xx0,0000
SPSTAT
84h SPI Status Register
SPIF
 WCOL
 -
 -
 -
 -
-
-
00xx,xxxx
CCON
D8h PCA Control Register
CF
 CR
-
-
CCF3
CCF2
CCF1
CCF0
00xx,0000
CMOD
D9h PCA Mode Register
 CIDL
 -
 -
-
 -
 CPS1 CPS0
ECF
0xxx,x000
CCAPM0
DAh
PCA Module 0
Mode Register
-
ECOM0
CAPP0
CAPN0
MAT0
TOG0
PWM0
ECCF0
x000,0000
CCAPM1
DBh
PCA Module 1
Mode Register
-
ECOM1
CAPP1
CAPN1
MAT1
TOG1
PWM1
ECCF1
x000,0000
CCAPM2
DCh
PCA Module 2
Mode Register
-
ECOM2
CAPP2
CAPN2
MAT2
TOG2
PWM2
ECCF2
x000,0000
CCAPM3
DDh
PCA Module 3
Mode Register
-
ECOM3
CAPP3
CAPN3
MAT3
TOG3
PWM3
ECCF3
x000,0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com