Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 35Page - Texas Instruments TMP114 Datasheet HTML 36Page - Texas Instruments TMP114 Datasheet HTML 37Page - Texas Instruments TMP114 Datasheet HTML 38Page - Texas Instruments TMP114 Datasheet HTML 39Page - Texas Instruments TMP114 Datasheet HTML 40Page - Texas Instruments TMP114 Datasheet HTML 41Page - Texas Instruments TMP114 Datasheet HTML 42Page - Texas Instruments TMP114 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMP114 can be operated with a two-wire I2C or SMBus compatible interface and features the ability to
operate with a 1.2-V bus voltage regardless of the VDD voltage. The TMP114 features a uniquely small z-height
of 0.15 mm designed for low clearance and space-constrained applications.
The device also features an integrated optional CRC checksum for ensuring data integrity during
communication.
9.2 Separate I2C Pullup and Supply Application
VDD
GND
SDA
SCL
TMP114
0.1 µF
1.08 V to 1.98 V
1.2 kΩ
I
2C
Controller
SDA
SCL
1.2 kΩ
1.2 V
Temperature
source
Figure 9-1. Separate I2C Pullup and Supply Voltage Application
9.2.1 Design Requirements
For this design example, use the parameters listed below.
Table 9-1. Design Parameters
Parameter
Value
Supply (VDD)
1.08 V to 1.98 V
SDA, SCL VPULLUP
1.2 V
SDA, SCL RPULLUP
1.2 kΩ
9.2.2 Detailed Design Procedure
The TMP114 will convert temperature at a default 250 ms interval with an adjustable conversion period between
6.4 ms and 2 s. The SDA and SCL pin voltage of the TMP114 can be at a higher voltage than the VDD pin
voltage, removing the need for power sequencing when using the TMP114.
The TMP114 comes in an ultra-small body and z-height package the user can place as close to temperature
sources as possible for better thermal coupling.
www.ti.com
TMP114
SNIS214C – JUNE 2021 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com