Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 19Page - Texas Instruments TMP114 Datasheet HTML 20Page - Texas Instruments TMP114 Datasheet HTML 21Page - Texas Instruments TMP114 Datasheet HTML 22Page - Texas Instruments TMP114 Datasheet HTML 23Page - Texas Instruments TMP114 Datasheet HTML 24Page - Texas Instruments TMP114 Datasheet HTML 25Page - Texas Instruments TMP114 Datasheet HTML 26Page - Texas Instruments TMP114 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
The TMP114 also supports a continuous write to sequential registers. By setting the Auto-Increment bit in the
control register to 1b, the TMP114 will increment the address pointer after each word of data is written to the
device. This allows the controller to write multiple register values in the same transaction as shown in Figure
8-12. Currently this feature will not allow the controller to properly write to the Configuration register and it is
recommended to use single register writes to the Configuration register.
S
A6
A5
A4
A3
A2
A1
A0
0
A
START
Target Address
0
0
0
P3
P2
P1
P0
A
1
R/W
ACK from Target
Register Pointer (N)
D14 D13 D12 D11 D10 D9
D8
A
D15
D6
D5
D4
D3
D2
D1
D0
A
D7
ACK from Target
ACK from Target
ACK from Target
Data to Register N MSB
Data to Register N LSB
Must be 0h
Target controls SDA line
Controller controls SDA line
Auto-Increment
D14 D13 D12 D11 D10 D9
D8
A
D15
D6
D5
D4
D3
D2
D1
D0
A
D7
P
STOP
ACK from Target
ACK from Target
Data to Register N+1 MSB
Data to Register N+1 LSB
Figure 8-12. Burst Write to Multiple Registers
8.5.4.2.1 CRC Enabled Writes
The TMP114 supports the ability to check data integrity with an 8-bit CRC value for every transaction. By
setting the CRC_Enable bit to 1b in the Configuration Register, the device will use CRC to validate any write
transactions. During a CRC enabled write transaction, the TMP114 will check the Target Address, Control
Register, MSB, and LSB of data against the CRC value. After the first CRC byte, each subsequent MSB and
LSB of data sent to the TMP114 will have its own CRC byte for validation. If the first CRC byte fails, the
TMP114 will discard the entire write transaction. If the first CRC passes, the TMP114 will only discard data if
the associated CRC checksum fails. For example, consider the case where a controller tries to write values to
registers 03h, 04h, and 05h. If the first and third CRC values are valid but the second CRC value is incorrect,
the TMP114 will shift the 03h and 05h values into the registers and discard the 04h values. Figure 8-13shows an
overview of a write transaction with CRC.
If the TMP114 determines the CRC failed, it will NACK on the CRC byte and the CRC_Flag bit in the Alert status
register will be set. If the CRC byte is not included the TMP114 will interpret this as an incomplete transaction
and discard the write contents and the status flag will not be set. Multiple writes to the same register in a single
transaction with Auto-Increment set to 0b and CRC enabled is not supported.
www.ti.com
TMP114
SNIS214C – JUNE 2021 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com