Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 17Page - Texas Instruments TMP114 Datasheet HTML 18Page - Texas Instruments TMP114 Datasheet HTML 19Page - Texas Instruments TMP114 Datasheet HTML 20Page - Texas Instruments TMP114 Datasheet HTML 21Page - Texas Instruments TMP114 Datasheet HTML 22Page - Texas Instruments TMP114 Datasheet HTML 23Page - Texas Instruments TMP114 Datasheet HTML 24Page - Texas Instruments TMP114 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
8.5.3 Device Address
To communicate with the TMP114, the controller must first address target devices through an address byte. The
address byte has seven address bits and a read-write (R/W) bit that indicates the intent of executing a read or
write operation. Table 8-2 shows the TMP114 available in multiple versions, each with a different target address.
Table 8-2. Device Target Address
Product
Device Two-Wire Address
TMP114A
1001000
TMP114B
1001001
TMP114C
1001010
TMP114D
1001011
TMP114ND
1001100
TMP114NC
1001101
TMP114NB
1001110
TMP114NA
1001111
8.5.4 Bus Transactions
Data must be sent to and received from the target devices, and this is accomplished by reading from or writing to
registers in the target device.
Registers are locations in the memory of the target which contain information, whether it be the configuration
information or some sampled data to send back to the controller. The controller must write information to these
registers in order to instruct the target device to perform a task.
8.5.4.1 Auto-Increment
The TMP114 supports the use of the auto-increment feature. In the control register byte of the I2C transaction,
bit 7 is used as the auto-increment bit. If the bit is set to 0b, continuous reads or writes will only read and write to
the register specified in the register pointer. If the Auto-increment bit is set to 1b, continuous reads and writes will
increment the address pointer by 1 after every word of data has been read or written to the TMP114. This allows
the controller to read or write to multiple registers with a single transaction for faster communication.
Figure 8-9 shows the structure of the Control Register.
0
0
0
P3
P2
P1
P0
A
0
Register Pointer (N)
ACK from Target
Must be 0h
Auto-Increment
Target controls SDA line
Controller controls SDA line
Figure 8-9. Control Register
www.ti.com
TMP114
SNIS214C – JUNE 2021 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com