Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 36Page - Texas Instruments TMP114 Datasheet HTML 37Page - Texas Instruments TMP114 Datasheet HTML 38Page - Texas Instruments TMP114 Datasheet HTML 39Page - Texas Instruments TMP114 Datasheet HTML 40Page - Texas Instruments TMP114 Datasheet HTML 41Page - Texas Instruments TMP114 Datasheet HTML 42Page - Texas Instruments TMP114 Datasheet HTML 43Page - Texas Instruments TMP114 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
9.2.3 Application Curves
Temperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.2 V Average
1.8 V Average
Figure 9-2. Average Temperature Accuracy
9.3 Equal I2C Pullup and Supply Voltage Application
VDD
GND
SDA
SCL
TMP114
0.1 µF
1.08 V to 1.98 V
1.2 kΩ
I
2C
Controller
SDA
SCL
1.2 kΩ
Temperature
source
Figure 9-3. Equal I2C Pullup and Supply Voltage Application
9.3.1 Design Requirements
For this design example, use the parameters listed below.
Table 9-2. Design Parameters
Parameter
Value
Supply (VDD)
1.08 V to 1.98 V
SDA, SCL VPULLUP
VDD
SDA, SCL RPULLUP
1.2 kΩ
9.3.2 Detailed Design Procedure
The SDA and SCL pin voltage of the TMP114 can be the same as the supply voltage VDD. The accuracy of the
TMP114 is not affected by the pullup voltage.
TMP114
SNIS214C – JUNE 2021 – REVISED MAY 2022
www.ti.com
40
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com