Electronic Components Datasheet Search
  English  ▼

X  

LPC2103 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC2103
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2103 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC2103 Datasheet HTML 2Page - NXP Semiconductors LPC2103 Datasheet HTML 3Page - NXP Semiconductors LPC2103 Datasheet HTML 4Page - NXP Semiconductors LPC2103 Datasheet HTML 5Page - NXP Semiconductors LPC2103 Datasheet HTML 6Page - NXP Semiconductors LPC2103 Datasheet HTML 7Page - NXP Semiconductors LPC2103 Datasheet HTML 8Page - NXP Semiconductors LPC2103 Datasheet HTML 9Page - NXP Semiconductors LPC2103 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LPC2101_02_03_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 18 January 2006
6 of 32
Philips Semiconductors
LPC2101/2102/2103
Single-chip 16-bit/32-bit microcontrollers
5.2 Pin description
Table 3:
Pin description
Symbol
LQFP48
PLCC44
Type
Description
P0.0 to P0.31
I/O
Port 0: Port 0 is a 32-bit I/O port with individual direction
controls for each bit. A total of 31 pins of the Port 0 can be
used as general purpose bidirectional digital I/Os while P0.31
is an output only pin. The operation of port 0 pins depends
upon the pin function selected via the pin connect block.
P0.0/TXD0/
MAT3.1
13 [1]
18 [1]
I/O
P0.0 — General purpose Input/output digital pin (GPIO).
O
TXD0 — Transmitter output for UART0.
O
MAT3.1 — PWM output 1 for Timer 3.
P0.1/RXD0/
MAT3.2
14 [2]
19 [2]
I/O
P0.1 — General purpose Input/output digital pin (GPIO).
I
RXD0 — Receiver input for UART0.
O
MAT3.2 — PWM output 2 for Timer 3.
P0.2/SCL0/
CAP0.0
18 [3]
22 [3]
I/O
P0.2 — General purpose Input/output digital pin (GPIO).
I/O
SCL0 — I2C0 clock Input/output. Open-drain output (for
I2C-bus compliance).
I
CAP0.0 — Capture input for Timer 0, channel 0.
P0.3/SDA0/
MAT0.0
21 [3]
25 [3]
I/O
P0.3 — General purpose Input/output digital pin (GPIO).
I/O
SDA0 — I2C0 data input/output. Open-drain output (for
I2C-bus compliance).
O
MAT0.0 — PWM output for Timer 0, channel 0.
P0.4/SCK0/
CAP0.1
22 [4]
26 [4]
I/O
P0.4 — General purpose Input/output digital pin (GPIO).
I/O
SCK0 — Serial clock for SPI0. SPI clock output from master
or input to slave.
I
CAP0.1 — Capture input for Timer 0, channel 1.
P0.5/MISO0/
MAT0.1
23 [4]
27 [4]
I/O
P0.5 — General purpose Input/output digital pin (GPIO).
I/O
MISO0 — Master In Slave OUT for SPI0. Data input to SPI
master or data output from SPI slave.
O
MAT0.1 — PWM output for Timer 0, channel 1.
P0.6/MOSI0/
CAP0.2
24 [4]
28 [4]
I/O
P0.6 — General purpose Input/output digital pin (GPIO).
I/O
MOSI0 — Master Out Slave In for SPI0. Data output from SPI
master or data input to SPI slave.
I
CAP0.2 — Capture input for Timer 0, channel 2.
P0.7/SSEL0/
MAT2.0
28 [2]
31 [2]
I/O
P0.7 — General purpose Input/output digital pin (GPIO).
I
SSEL0 — Slave Select for SPI0. Selects the SPI interface as
a slave.
O
MAT2.0 — PWM output for Timer 2, channel 0.
P0.8/TXD1/
MAT2.1
29 [4]
32 [4]
I/O
P0.8 — General purpose Input/output digital pin (GPIO).
O
TXD1 — Transmitter output for UART1.
O
MAT2.1 — PWM output for Timer 2, channel 1.
P0.9/RXD1/
MAT2.2
30 [2]
33 [2]
I/O
P0.9 — General purpose Input/output digital pin (GPIO).
I
RXD1 — Receiver input for UART1.
O
MAT2.2 — PWM output for Timer 2, channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com