Electronic Components Datasheet Search
  English  ▼

X  

LPC2103 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2103
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2103 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC2103 Datasheet HTML 4Page - NXP Semiconductors LPC2103 Datasheet HTML 5Page - NXP Semiconductors LPC2103 Datasheet HTML 6Page - NXP Semiconductors LPC2103 Datasheet HTML 7Page - NXP Semiconductors LPC2103 Datasheet HTML 8Page - NXP Semiconductors LPC2103 Datasheet HTML 9Page - NXP Semiconductors LPC2103 Datasheet HTML 10Page - NXP Semiconductors LPC2103 Datasheet HTML 11Page - NXP Semiconductors LPC2103 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LPC2101_02_03_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 18 January 2006
8 of 32
Philips Semiconductors
LPC2101/2102/2103
Single-chip 16-bit/32-bit microcontrollers
P0.21/SSEL1/
MAT3.0
3 [4]
9 [4]
I/O
P0.21 — General purpose Input/output digital pin (GPIO).
I
SSEL1 — Slave Select for SPI1. Selects the SPI interface as
a slave.
O
MAT3.0 — PWM output for Timer 3, channel 0.
P0.22/AD0.0
32 [4]
35 [4]
I/O
P0.22 — General purpose Input/output digital pin (GPIO).
I
AD0.0 — ADC 0, input 0.
P0.23/AD0.1
33 [1]
36 [1]
I/O
P0.23 — General purpose Input/output digital pin (GPIO).
I
AD0.1 — ADC 0, input 1.
P0.24/AD0.2
34 [1]
37 [1]
I/O
P0.24 — General purpose Input/output digital pin (GPIO).
I
AD0.2 — ADC 0, input 2.
P0.25/AD0.6
38 [1]
41 [1]
I/O
P0.25 — General purpose Input/output digital pin (GPIO).
I
AD0.6 — ADC 0, input 6.
P0.26/AD0.7
39 [1]
n.c.
I/O
P0.26 — General purpose Input/output digital pin (GPIO).
I
AD0.7 — ADC 0, input 7.
P0.27/TRST/
CAP2.0
8 [4]
13 [4]
I/O
P0.27 — General purpose Input/output digital pin (GPIO).
I
TRST — Test Reset for JTAG interface.
I
CAP2.0 — Capture input for Timer 2, channel 0.
P0.28/TMS/
CAP2.1
9 [4]
14 [4]
I/O
P0.28 — General purpose Input/output digital pin (GPIO).
I
TMS — Test Mode Select for JTAG interface.
I
CAP2.1 — Capture input for Timer 2, channel 1.
P0.29/TCK/
CAP2.2
10 [4]
15 [4]
I/O
P0.29 — General purpose Input/output digital pin (GPIO).
I
TCK — Test Clock for JTAG interface.
I
CAP2.2 — Capture input for Timer 2, channel 2.
P0.30/TDI/
MAT3.3
15 [4]
20 [4]
I/O
P0.30 — General purpose Input/output digital pin (GPIO).
I
TDI — Test Data In for JTAG interface.
O
MAT3.3 — PWM output 3 for Timer 3.
P0.31/TDO
16 [4]
21 [4]
O
P0.31 — General purpose output only digital pin (GPIO).
O
TDO — Test Data Out for JTAG interface.
RTXC1
20 [5]
24 [5]
I
Input to the RTC oscillator circuit.
RTXC2
25 [5]
29 [5]
O
Output from the RTC oscillator circuit.
RTCK
26 [5]
n.c.
I/O
Returned test clock output: Extra signal added to the JTAG
port. Assists debugger synchronization when processor
frequency varies. Bidirectional pin with internal pull-up.
X1
11
16
I
Input to the oscillator circuit and internal clock generator
circuits.
X2
12
17
O
Output from the oscillator amplifier.
DBGSEL
27
30
I
Debug select: When LOW, the part operates normally. When
HIGH, debug mode is entered. Input with internal pull-down.
RST
6
11
I
External reset input: A LOW on this pin resets the device,
causing I/O ports and peripherals to take on their default
states and processor execution to begin at address 0. TTL
with hysteresis, 5 V tolerant.
VSS
7, 19, 43
1, 12, 23
I
Ground: 0 V reference.
Table 3:
Pin description …continued
Symbol
LQFP48
PLCC44
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com