Electronic Components Datasheet Search
  English  ▼

X  

LPC2103 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC2103
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2103 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC2103 Datasheet HTML 1Page - NXP Semiconductors LPC2103 Datasheet HTML 2Page - NXP Semiconductors LPC2103 Datasheet HTML 3Page - NXP Semiconductors LPC2103 Datasheet HTML 4Page - NXP Semiconductors LPC2103 Datasheet HTML 5Page - NXP Semiconductors LPC2103 Datasheet HTML 6Page - NXP Semiconductors LPC2103 Datasheet HTML 7Page - NXP Semiconductors LPC2103 Datasheet HTML 8Page - NXP Semiconductors LPC2103 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LPC2101_02_03_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 18 January 2006
2 of 32
Philips Semiconductors
LPC2101/2102/2103
Single-chip 16-bit/32-bit microcontrollers
s Vectored interrupt controller with configurable priorities and vector addresses.
s Up to thirty-two 5 V tolerant fast general purpose I/O pins.
s Up to 13 edge or level sensitive external interrupt pins available.
s 70 MHz maximum CPU clock available from programmable on-chip PLL with a
possible input frequency of 10 MHz to 25 MHz and a settling time of 100
µs.
s On-chip integrated oscillator operates with an external crystal in the range from 1 MHz
to 25 MHz.
s Power saving modes include Idle mode, Power-down mode with RTC active, and
Power-down mode.
s Individual enable/disable of peripheral functions as well as peripheral clock scaling for
additional power optimization.
s Processor wake-up from Power-down mode via external interrupt or RTC.
3.
Ordering information
3.1 Ordering options
Table 1:
Ordering information
Type number
Package
Name
Description
Version
LPC2101FBD48
LQFP48
plastic low profile quad flat package; 48 leads;
body 7
× 7 × 1.4 mm
SOT313-2
LPC2102FBD48
LQFP48
plastic low profile quad flat package; 48 leads;
body 7
× 7 × 1.4 mm
SOT313-2
LPC2103FBD48
LQFP48
plastic low profile quad flat package; 48 leads;
body 7
× 7 × 1.4 mm
SOT313-2
LPC2103FA44
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
Table 2:
Ordering options
Type number
Flash
memory
RAM
ADC
Temperature
range (
°C)
LPC2101FBD48
8 kB
2 kB
8 inputs
−40 to +85
LPC2102FBD48
16 kB
4 kB
8 inputs
−40 to +85
LPC2103FBD48
32 kB
8 kB
8 inputs
−40 to +85
LPC2103FA44
32 kB
8 kB
8 inputs
−40 to +85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com