Electronic Components Datasheet Search
  English  ▼

X  

SL2S6002 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SL2S6002
Description  ICODE DNA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S6002 Datasheet(HTML) 5 Page - NXP Semiconductors

  SL2S6002 Datasheet HTML 1Page - NXP Semiconductors SL2S6002 Datasheet HTML 2Page - NXP Semiconductors SL2S6002 Datasheet HTML 3Page - NXP Semiconductors SL2S6002 Datasheet HTML 4Page - NXP Semiconductors SL2S6002 Datasheet HTML 5Page - NXP Semiconductors SL2S6002 Datasheet HTML 6Page - NXP Semiconductors SL2S6002 Datasheet HTML 7Page - NXP Semiconductors SL2S6002 Datasheet HTML 8Page - NXP Semiconductors SL2S6002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SL2S6002_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.0 — 16 June 2016
374730
5 of 14
NXP Semiconductors
SL2S6002
ICODE DNA
6.2.1 Unique identifier
The 64-bit unique identifier (UID) is programmed during the production process according
to ISO/IEC 15693-3 and cannot be changed afterwards.
The 64 bits are numbered according to ISO/IEC 15693-3 starting with LSB 1 and ending
with MSB 64. This is in contrast to the general used bit numbering within a byte.
The TAG type is a part of the UID (bit 41 to 48, next to the manufacturer code which is
“04h” for NXP Semiconductors).
The TAG type of the ICODE DNA IC is “01h”.
Bit 37 and bit 36 are used to differentiate between ICODE SLI, ICODE SLIX, ICODE
SLIX2 and ICODE DNA (refer to Table 3).
6.2.2 User memory
Access to the user memory is possible with READ and WRITE commands depending on
the settings of the access conditions.
Only Blocks 0 to 63 can be addressed with standard READ and WRITE commands.
Remark: Block 63 contains the 16-bit counter and cannot be used to store user data.
READ and WRITE commands to that block require special data considerations.
Table 2.
Unique identifier
MSB
LSB
64:57
56:49
48:41
40:1
“E0”
“04”
“01”
IC manufacturer serial number
UID 7
UID 6
UID 5
UID 4
UID 3
UID 2
UID 1
UID 0
Table 3.
Type indicator bits
Bit 37
Bit 36
ICODE Type
00ICODE SLI
10ICODE SLIX
01ICODE SLIX2
1
1
ICODE DNA
Table 4.
User memory organization
Block
Byte 0
Byte 1
Byte 2
Byte 3
Description
0
User memory:
63 blocks,
4 bytes each,
252 bytes in total.
1
2
3
::
:::
60
61
62
63
C0
C1
0x00
PROT
Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com