Electronic Components Datasheet Search
  English  ▼

X  

SL2S6002 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SL2S6002
Description  ICODE DNA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S6002 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SL2S6002 Datasheet HTML 3Page - NXP Semiconductors SL2S6002 Datasheet HTML 4Page - NXP Semiconductors SL2S6002 Datasheet HTML 5Page - NXP Semiconductors SL2S6002 Datasheet HTML 6Page - NXP Semiconductors SL2S6002 Datasheet HTML 7Page - NXP Semiconductors SL2S6002 Datasheet HTML 8Page - NXP Semiconductors SL2S6002 Datasheet HTML 9Page - NXP Semiconductors SL2S6002 Datasheet HTML 10Page - NXP Semiconductors SL2S6002 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SL2S6002_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.0 — 16 June 2016
374730
7 of 14
NXP Semiconductors
SL2S6002
ICODE DNA
6.2.3.5
Keys
The keys are stored in the configuration memory. The usages of the individual keys
depends on the related Key Privileges.
Key3 is pre-programed for NXP usage for tag authentication.
6.2.4 Configuration of delivered IC
ICODE DNA ICs are delivered with the following configuration by NXP Semiconductors:
• Unique identifier is unique and read only
• Write access conditions allow change to user blocks, AFI, DSFID, EAS
• Custom ID is programmed to 0xC000 and is not locked
• Originality Signature is programmed with the NXP originality signature and is not
locked
• Key0, Key1, Key2
– The Key Headers are set to “Not active”
– Keys are not defined
• Key3 contains the NXP key for tag authentication only (no privileges enabled)
• Key Privileges are not defined unlocked
• User data memory is not protected
• Status of EAS mode is not defined
• AFI is supported and not defined
• DSFID is supported and not defined
• User data memory is not defined
Remark: Because the EAS mode is undefined at delivery, the EAS mode shall be set
(enabled or disabled) according to your application requirements during the test or
initialization phase.
Table 5.
Definition of Key Privilege
Privilege
Description
Read
Read access to read protected user memory area
Write
Write access to write protected user memory area
Privacy
Enable/disable of the Privacy mode
Destroy
Access to the DESTROY functionality
EAS/AFI
Access for write alike command for EAS and AFI as following:
PROTECT EAS/AFI
SET EAS
RESET EAS
LOCK EAS
WRITE EAS ID
WRITE AFI
LOCK AFI
Crypto Config
Preset of Authentication Limit
Modification of transport keys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com