Electronic Components Datasheet Search
  English  ▼

X  

AD7405 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7405
Description  16-Bit, Isolated Sigma-Delta Modulator, LVDS Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7405 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7405 Datasheet HTML 12Page - Analog Devices AD7405 Datasheet HTML 13Page - Analog Devices AD7405 Datasheet HTML 14Page - Analog Devices AD7405 Datasheet HTML 15Page - Analog Devices AD7405 Datasheet HTML 16Page - Analog Devices AD7405 Datasheet HTML 17Page - Analog Devices AD7405 Datasheet HTML 18Page - Analog Devices AD7405 Datasheet HTML 19Page - Analog Devices AD7405 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD7405
For a sinc3 filter, the −3 dB filter response point can be derived
from the filter transfer function, Equation 1, and is 0.262 times
the throughput rate. The filter characteristics for a third-order
sinc3 filter are summarized in Table 11.
Table 11. Sinc3 Filter Characteristics for 20 MHz MCLKIN
Decimation
Ratio (DR)
Throughput
Rate (kHz)
Output Data
Size (Bits)
Filter
Response (kHz)
32
625
15
163.7
64
312.5
18
81.8
128
156.2
21
40.9
256
78.1
24
20.4
512
39.1
27
10.2
The following Verilog code provides an example of a sinc3 filter
implementation on a Xilinx® Spartan®-6 FPGA. Note that the
data is read on the positive clock edge. It is recommended to
read in the data on the positive clock edge. The code is
configurable to accommodate decimation rates from 32 to 4096.
module dec256sinc24b
(
input mclk1,
/* used to clk filter */
input reset,
/* used to reset filter */
input mdata1, /* input data to be filtered
*/
output reg [15:0] DATA, /* filtered output
*/
output reg data_en,
input [15:0] dec_rate
);
/* Data is read on positive clk edge */
reg [36:0] ip_data1;
reg [36:0] acc1;
reg [36:0] acc2;
reg [36:0] acc3;
reg [36:0] acc3_d2;
reg [36:0] diff1;
reg [36:0] diff2;
reg [36:0] diff3;
reg [36:0] diff1_d;
reg [36:0] diff2_d;
reg [15:0] word_count;
reg word_clk;
reg enable;
/*Perform the Sinc action*/
always @ (mdata1)
if(mdata1==0)
ip_data1 <= 37'd0;
/* change 0 to a -1 for twos
complement */
else
ip_data1 <= 37'd1;
/*Accumulator (Integrator)
Perform the accumulation (IIR) at the speed
of the modulator.
Z = one sample delay MCLKOUT = modulators
conversion bit rate */
Figure 31. Accumulator
always @ (negedge mclk1, posedge reset)
begin
if (reset)
begin
/* initialize acc registers on reset
*/
acc1 <= 37'd0;
acc2 <= 37'd0;
acc3 <= 37'd0;
end
else
begin
/*perform accumulation process */
acc1 <= acc1 + ip_data1;
acc2 <= acc2 + acc1;
acc3 <= acc3 + acc2;
end
end
/*decimation stage (MCLKOUT/WORD_CLK) */
always @ (posedge mclk1, posedge reset)
begin
if (reset)
word_count <= 16'd0;
else
begin
if ( word_count == dec_rate -
1 )
word_count <= 16'd0;
else
word_count <= word_count
+ 16'b1;
end
end
always @ ( posedge mclk1, posedge reset )
begin
if ( reset )
word_clk <= 1'b0;
else
begin
if ( word_count == dec_rate/2 -
1 )
word_clk <= 1'b1;
else if ( word_count ==
dec_rate - 1 )
word_clk <= 1'b0;
end
end
/*Differentiator (including decimation
stage)
Perform the differentiation stage (FIR) at a
lower speed.
MCLKIN
IP_DATA1
ACC1+
ACC2+
ACC3+
+
Z
+
Z
+
Z
Rev. A | Page 17 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com