Electronic Components Datasheet Search
  English  ▼

X  

AD7405 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7405
Description  16-Bit, Isolated Sigma-Delta Modulator, LVDS Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7405 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7405 Datasheet HTML 12Page - Analog Devices AD7405 Datasheet HTML 13Page - Analog Devices AD7405 Datasheet HTML 14Page - Analog Devices AD7405 Datasheet HTML 15Page - Analog Devices AD7405 Datasheet HTML 16Page - Analog Devices AD7405 Datasheet HTML 17Page - Analog Devices AD7405 Datasheet HTML 18Page - Analog Devices AD7405 Datasheet HTML 19Page - Analog Devices AD7405 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD7405
Data Sheet
OUTLINE DIMENSIONS
Figure 37. 16-Lead Standard Small Outline Package, with Increased Creepage [SOIC_IC]
Wide Body
(RI-16-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package
Option
AD7405BRIZ
−40°C to +125°C
16-Lead Standard Small Outline Package, with Increased Creepage [SOIC_IC]
RI-16-2
AD7405BRIZ-RL
−40°C to +125°C
16-Lead Standard Small Outline Package, with Increased Creepage [SOIC_IC]
RI-16-2
AD7405BRIZ-RL7
−40°C to +125°C
16-Lead Standard Small Outline Package, with Increased Creepage [SOIC_IC]
RI-16-2
EVAL-AD7405FMCZ
Evaluation Board
EVAL-SDP-CH1Z
System Demonstration Platform
1
Z = RoHS Compliant Part.
16
9
8
1
SEATING
PLANE
COPLANARITY
0.1
1.27 BSC
12.85
12.75
12.65
7.60
7.50
7.40
2.64
2.54
2.44
1.01
0.76
0.51
0.30
0.20
0.10
10.51
10.31
10.11
0.46
0.36
2.44
2.24
PIN 1
MARK
1.93 REF
8°
0°
0.32
0.23
0.71
0.50
0.31
45°
0.25 BSC
GAGE
PLANE
COMPLIANT TO JEDEC STANDARDS MS-013-AC
©2014 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12536-0-11/14(A)
Rev. A | Page 20 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com