Electronic Components Datasheet Search
  English  ▼

X  

AD7405 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7405
Description  16-Bit, Isolated Sigma-Delta Modulator, LVDS Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7405 Datasheet(HTML) 3 Page - Analog Devices

  AD7405 Datasheet HTML 1Page - Analog Devices AD7405 Datasheet HTML 2Page - Analog Devices AD7405 Datasheet HTML 3Page - Analog Devices AD7405 Datasheet HTML 4Page - Analog Devices AD7405 Datasheet HTML 5Page - Analog Devices AD7405 Datasheet HTML 6Page - Analog Devices AD7405 Datasheet HTML 7Page - Analog Devices AD7405 Datasheet HTML 8Page - Analog Devices AD7405 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD7405
SPECIFICATIONS
VDD1 = 4.5 V to 5.5 V, VDD2 = 3 V to 5.5 V, VIN+ = −250 mV to +250 mV, VIN− = 0 V, TA = −40°C to +125°C, fMCLKIN1 = 5 MHz to 20 MHz, tested
with sinc3 filter, 256 decimation rate, as defined by Verilog code, unless otherwise noted. All voltages are relative to their respective ground.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
16
Bits
Filter output truncated to 16 bits
Integral Nonlinearity2
INL
±2
±12
LSB
Differential Nonlinearity2
DNL
±0.99
LSB
Guaranteed no missing codes to 16 bits
Offset Error2
±0.2
±0.75
mV
Offset Drift vs. Temperature
1.6
3.8
µV/°C
1.3
3.1
µV/°C
0°C to 85°C
Offset Drift vs. VDD1
50
µV/V
Gain Error2
±0.2
±0.8
% FSR
fMCLKIN = 16 MHz
±0.2
±0.8
% FSR
fMCLKIN = 20 MHz, TA = −40°C to +85°C
±0.2
±1.2
% FSR
fMCLKIN = 20 MHz
Gain Error Drift vs. Temperature
65
95
ppm/°C
40
60
µV/°C
Gain Error Drift vs. VDD1
±0.6
mV/V
ANALOG INPUT
Input Voltage Range
−320
+320
mV
Full-scale range
−250
+250
mV
For specified performance
Input Common-Mode Voltage Range
−200 to +300
mV
Dynamic Input Current
±45
±50
µA
VIN+ = ±250 mV, VIN− = 0 V
0.05
µA
VIN+ = 0 V, VIN− = 0 V
DC Leakage Current
±0.01
±0.6
µA
Input Capacitance
14
pF
DYNAMIC SPECIFICATIONS
VIN+ = 1 kHz
Signal-to-Noise-and-Distortion Ratio2
SINAD
81
87
dB
83
87
dB
−40°C to +85°C
Signal-to-Noise Ratio2
SNR
86
88
dB
Total Harmonic Distortion2
THD
−96
dB
Peak Harmonic or Spurious Noise2
SFDR
−97
dB
Effective Number of Bits2
ENOB
13.1
14.2
Bits
13.4
14.2
Bits
−40°C to +85°C
Noise Free Code Resolution2
14
Bits
ISOLATION TRANSIENT IMMUNITY2
25
30
kV/µs
LVDS I/O (ANSI-644)
Differential Output Voltage
VOD
247
360
454
mV
RL = 100 Ω
Common-Mode Output Voltage
VOCM
1125
1260
1375
mV
RL = 100 Ω
Differential Input Voltage
VID
150
650
mV
Common-Mode Input Voltage
VICM
800
1575
mV
POWER REQUIREMENTS
VDD1
4.5
5.5
V
VDD2
3
5.5
V
IDD1
30
36
mA
VDD1 = 5.5 V
IDD2
18
22
mA
VDD2 = 5.5 V
13
15
mA
VDD2 = 3.3 V
Power Dissipation
264
319
mW
VDD1 = VDD2 = 5.5 V
208
248
mW
VDD1 = 5.5 V, VDD2 = 3.3 V
1
For fMCLKIN > 16 MHz, mark space ratio is 48/52 to 52/48, and VDD1 = 5 V ± 5%.
2
See the Terminology section.
Rev. A | Page 3 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com