Electronic Components Datasheet Search
  English  ▼

X  

ADE7912 Datasheet(PDF) 40 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADE7912_V01 Datasheet HTML 33Page - Analog Devices ADE7912_V01 Datasheet HTML 34Page - Analog Devices ADE7912_V01 Datasheet HTML 35Page - Analog Devices ADE7912_V01 Datasheet HTML 36Page - Analog Devices ADE7912_V01 Datasheet HTML 37Page - Analog Devices ADE7912_V01 Datasheet HTML 38Page - Analog Devices ADE7912_V01 Datasheet HTML 39Page - Analog Devices ADE7912_V01 Datasheet HTML 40Page - Analog Devices ADE7912_V01 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
ADE7912/ADE7913
Data Sheet
Rev. C | Page 40 of 41
Table 19. EMI_CTRL Register (Address 0xE)
Bit Location
Bit Name
Default Value
Description
0
SLOT0
1
Controls the PWM control block pulse during Slot 0 of the CLKIN/4 clock (see the
DC-to-DC Converter section for details).
1
SLOT1
1
Controls the PWM control block pulse during Slot 1 of the CLKIN/4 clock.
2
SLOT2
1
Controls the PWM control block pulse during Slot 2 of the CLKIN/4 clock.
3
SLOT3
1
Controls the PWM control block pulse during Slot 3 of the CLKIN/4 clock.
4
SLOT4
1
Controls the PWM control block pulse during Slot 4 of the CLKIN/4 clock.
5
SLOT5
1
Controls the PWM control block pulse during Slot 5 of the CLKIN/4 clock.
6
SLOT6
1
Controls the PWM control block pulse during Slot 6 of the CLKIN/4 clock.
7
SLOT7
1
Controls the PWM control block pulse during Slot 7 of the CLKIN/4 clock.
Table 20. STATUS1 Register (Address 0xF)
Bit Location
Bit Name
Default Value
Description
2:0
Version
0
The ADE7912/ADE7913 version number.
3
ADC_NA
0
If the ADC outputs are not accessed during one ADC output period, the ADC_NA bit is
set to 1. When the STATUS1 register is read, the bit is cleared to 0.
6:4
Reserved
0
Reserved. These bits do not represent any functionality.
7
Reserved
0
Reserved. Internal functionality is associated with this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com