Electronic Components Datasheet Search
  English  ▼

X  

ADE7912 Datasheet(PDF) 12 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADE7912_V01 Datasheet HTML 8Page - Analog Devices ADE7912_V01 Datasheet HTML 9Page - Analog Devices ADE7912_V01 Datasheet HTML 10Page - Analog Devices ADE7912_V01 Datasheet HTML 11Page - Analog Devices ADE7912_V01 Datasheet HTML 12Page - Analog Devices ADE7912_V01 Datasheet HTML 13Page - Analog Devices ADE7912_V01 Datasheet HTML 14Page - Analog Devices ADE7912_V01 Datasheet HTML 15Page - Analog Devices ADE7912_V01 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
ADE7912/ADE7913
Data Sheet
Rev. C | Page 12 of 41
Pin No.
Mnemonic
Description
17
SCLK
Serial Clock Input for SPI Port. All serial data transfers are synchronized to this clock (see the
ADE7912/ADE7913 Clock section).
18
CS
Chip Select for SPI Port.
19
VDD
Primary Supply Voltage. This pin provides the supply voltage for the ADE7912/ADE7913. Maintain
the supply voltage at 3.3 V ± 10% for specified operation. Decouple this pin to GND, Pin 20, with a
10 µF capacitor in parallel with a ceramic 100 nF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com