Electronic Components Datasheet Search
  English  ▼

X  

ADE7912 Datasheet(PDF) 7 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE7912_V01 Datasheet HTML 3Page - Analog Devices ADE7912_V01 Datasheet HTML 4Page - Analog Devices ADE7912_V01 Datasheet HTML 5Page - Analog Devices ADE7912_V01 Datasheet HTML 6Page - Analog Devices ADE7912_V01 Datasheet HTML 7Page - Analog Devices ADE7912_V01 Datasheet HTML 8Page - Analog Devices ADE7912_V01 Datasheet HTML 9Page - Analog Devices ADE7912_V01 Datasheet HTML 10Page - Analog Devices ADE7912_V01 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Data Sheet
ADE7912/ADE7913
Rev. C | Page 7 of 41
REGULATORY APPROVALS
The ADE7912/ADE7913 are approved by the organizations listed in Table 2. Refer to Table 8 and the Insulation Lifetime section for more
information about the recommended maximum working voltages for specific cross-isolation waveforms and insulation levels.
Note that Table 8 presents the maximum working voltages for 50-year minimum lifetime: 400 V rms for ac voltages and 1173 V peak for
dc voltages. Greater working voltages shorten the lifetime of the product (see the Insulation Lifetime section). Some certifications in
Table 2 state greater maximum working voltages than the values presented in Table 8. Therefore, use the ADE7912/ADE7913 only for
working voltages lower than those presented in Table 8 (400 V rms for ac voltages and 1173 V peak for dc voltages).
Table 2. Regulatory Approvals
UL
CSA
VDE
Recognized Under
UL 1577 Component
Recognition Program1
Basic insulation per CSA 60950-1-07+A1+A2, CSA 62368-1-14, and IEC 60950-1
2nd Ed.+A1+A2 and IEC 62368-1:2014 2nd Ed. (Pollution Degree 2, Material Group III):
830 V rms (1173 V peak) maximum working voltage.2
Certified according to
DIN VDE V 0884-103
(VDE V 0884-10):2006-12
Single Protection,
5000 V rms Isolation
Voltage
Basic insulation per CSA 61010-1-12+A1 and IEC 61010-1 3rd Ed. These devices meet
clauses K.3, K.4, 6.7.1.3, 6.7.2.2.2 A.17, K.6x1.6, and K.7x1.6, 10. The risk management
process is not applicable to these clauses (Pollution Degree 2, Material Group III,
Overvoltage Category II, III, and IV):
600 V rms (424 V peak) maximum working voltage.4
Reinforced insulation,
846 V peak5
Approved under
CSA Component
Acceptance Notice 5A
Reinforced insulation per CSA 60950-1-07+A1+A2, CSA 62368-1-14, IEC 60950-1 2nd
Ed.+A1+A2, and IEC 62368-1:2014 Ed. 2 (Pollution Degree 2, Material Group III):
415 V rms (586 V peak) maximum working voltage.
Reinforced insulation per CSA 61010-1-12 and IEC 61010-1 3rd Ed. based on
IEC 61010-1 C1 14.1 a) for use in IEC 61010-1 end products because the ADE7912/
ADE7913 meet the requirements of the IEC 62368-1 evaluation (Pollution Degree 2,
Material Group III, and Overvoltage Category II and III):
300 V rms (424 V peak) maximum working voltage.
FILE E214100
FILE 2758945
FILE 2471900-4880-0001
1
In accordance with UL 1577, each ADE7912/ADE7913 is proof tested by applying an insulation test voltage ≥6000 V rms for 1 second (current leakage detection limit = 15 µA).
2
At this maximum working voltage, the approximate predicted lifetime is 0.2 years under 50 Hz, 60 Hz ac voltages.
3
In accordance with DIN V VDE V 0884-10, each ADE7912/ADE7913 is proof tested by applying an insulation test voltage ≥1590 V peak for 1 second (partial discharge
detection limit = 5 pC). The asterisk (*) marking branded on the component designates DIN VDE V 0884-10 (VDE V 0884-10):2006-12 approval.
4
At this maximum working voltage, the approximate predicted lifetime is 8 years under 50 Hz, 60 Hz ac voltages.
5
At this maximum working voltage, the approximate predicted lifetime is 8 years under 50 Hz, 60 Hz ac voltages.
INSULATION AND SAFETY RELATED SPECIFICATIONS
Table 3. Critical Safety Related Dimensions and Material Properties
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
5000
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(l01)
8.3
mm
Distance measured from input terminals to output
terminals, shortest distance through air along the
PCB mounting plane, as an aid to PCB layout
Minimum External Tracking (Creepage)
L(l02)
8.3
mm
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
400
V
IEC 60112
Isolation Group
II
Material group (DIN VDE 0110, 1/89, Table 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com