Electronic Components Datasheet Search
  English  ▼

X  

ADE7912 Datasheet(PDF) 9 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADE7912_V01 Datasheet HTML 5Page - Analog Devices ADE7912_V01 Datasheet HTML 6Page - Analog Devices ADE7912_V01 Datasheet HTML 7Page - Analog Devices ADE7912_V01 Datasheet HTML 8Page - Analog Devices ADE7912_V01 Datasheet HTML 9Page - Analog Devices ADE7912_V01 Datasheet HTML 10Page - Analog Devices ADE7912_V01 Datasheet HTML 11Page - Analog Devices ADE7912_V01 Datasheet HTML 12Page - Analog Devices ADE7912_V01 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Data Sheet
ADE7912/ADE7913
Rev. C | Page 9 of 41
TIMING CHARACTERISTICS
VDD = 3.3 V ± 10%, GND = 0 V, on-chip reference, CLKIN = 4.096 MHz, TMIN to TMAX = −40°C to +85°C.
Table 5. SPI Interface Timing Parameters
Parameter
Symbol
Min
Max
Unit
CS to SCLK Positive Edge
tSS
50
ns
SCLK Frequency1
250
5600
kHz
SCLK Low Pulse Width
tSL
80
ns
SCLK High Pulse Width
tSH
80
ns
Data Output Valid After SCLK Edge
tDAV
80
ns
Data Input Setup Time Before SCLK Edge
tDSU
70
ns
Data Input Hold Time After SCLK Edge
tDHD
20
ns
Data Output Fall Time
tDF
20
ns
Data Output Rise Time
tDR
20
ns
SCLK Rise Time
tSR
20
ns
SCLK Fall Time
tSF
20
ns
MISO Disable After CS Rising Edge
tDIS
5
40
ns
CS High After SCLK Edge
tSFS
0
ns
1
Minimum and maximum specifications are guaranteed by design.
MSB
LSB
LSB IN
INTERMEDIATE BITS
INTERMEDIATE BITS
tSFS
tDIS
tSS
tSL
tDF
tSH
tDHD
tDAV
tDSU
tSR
tSF
tDR
MSB IN
MOSI
MISO
SCLK
CS
Figure 5. SPI Interface Timing
2mA
IOL
800µA
IOH
1.6V
TO OUTPUT
PIN
CL
50pF
Figure 6. Load Circuit for Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com