Electronic Components Datasheet Search
  English  ▼

X  

3270313 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3270313
Description  Marshalling patchboard - PTMC 1,5/32-3 /BU 19Z
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3270313 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3270313 Datasheet HTML 1Page - PHOENIX CONTACT 3270313 Datasheet HTML 2Page - PHOENIX CONTACT 3270313 Datasheet HTML 3Page - PHOENIX CONTACT 3270313 Datasheet HTML 4Page - PHOENIX CONTACT 3270313 Datasheet HTML 5Page - PHOENIX CONTACT 3270313 Datasheet HTML 6Page - PHOENIX CONTACT 3270313 Datasheet HTML 7Page - PHOENIX CONTACT 3270313 Datasheet HTML 8Page - PHOENIX CONTACT 3270313 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Flexible conductor cross section (ferrule with plastic sleeve)
0.34 mm² ... 1.5 mm²
Dimensions
Dimensional drawing
Width
44 mm
Height
30 mm
Length
111 mm
Material specifications
Color
gray
Color of connection elements
blue
Flammability rating according to UL 94
V0
Insulating material group
I
Insulating material
PA
Static insulating material application in cold
-60 °C
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
125 °C
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R26
HL 1 - HL 3
Calorimetric heat release NFPA 130 (ASTM E 1354)
27,5 MJ/kg
Surface flammability NFPA 130 (ASTM E 162)
passed
Specific optical density of smoke NFPA 130 (ASTM E 662)
passed
Smoke gas toxicity NFPA 130 (SMP 800C)
passed
Electrical tests
Surge voltage test
Test voltage setpoint
7.3 kV
Result
Test passed
Temperature-rise test
Requirement temperature-rise test
Increase in temperature ≤ 45 K
Result
Test passed
Short-time withstand current 1.5 mm²
0.18 kA
Short-time withstand current 2.5 mm²
0.3 kA
Marshalling patchboard - PTMC 1,5/32-3 /BU 19Z
3270313
https://www.phoenixcontact.com/us/products/3270313
Jun 13, 2022, 7:41 AM
Page 4 (22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com