Electronic Components Datasheet Search
  English  ▼

X  

3270313 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 3270313
Description  Marshalling patchboard - PTMC 1,5/32-3 /BU 19Z
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3270313 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 3270313 Datasheet HTML 9Page - PHOENIX CONTACT 3270313 Datasheet HTML 10Page - PHOENIX CONTACT 3270313 Datasheet HTML 11Page - PHOENIX CONTACT 3270313 Datasheet HTML 12Page - PHOENIX CONTACT 3270313 Datasheet HTML 13Page - PHOENIX CONTACT 3270313 Datasheet HTML 14Page - PHOENIX CONTACT 3270313 Datasheet HTML 15Page - PHOENIX CONTACT 3270313 Datasheet HTML 16Page - PHOENIX CONTACT 3270313 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Accessories
Note: Applying some accessories below might limit this product.
Actuation tool
Actuation tool - ST-BW 0 - 1200135
https://www.phoenixcontact.com/us/products/1200135
Actuation tool, for all 1.5 mm2 spring cages from PT 1,5/S and FT 1,5/S
Screwdriver
Screwdriver - SZF 0-0,4X2,5 - 1204504
https://www.phoenixcontact.com/us/products/1204504
Actuation tool, for ST terminal blocks, also suitable for use as a bladed
screwdriver, size: 0.4 x 2.5 x 75 mm, 2-component grip, with non-slip grip
Marshalling patchboard - PTMC 1,5/32-3 /BU 19Z
3270313
https://www.phoenixcontact.com/us/products/3270313
Jun 13, 2022, 7:41 AM
Page 13 (22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com