Electronic Components Datasheet Search
  English  ▼

X  

3270313 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3270313
Description  Marshalling patchboard - PTMC 1,5/32-3 /BU 19Z
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3270313 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3270313 Datasheet HTML 1Page - PHOENIX CONTACT 3270313 Datasheet HTML 2Page - PHOENIX CONTACT 3270313 Datasheet HTML 3Page - PHOENIX CONTACT 3270313 Datasheet HTML 4Page - PHOENIX CONTACT 3270313 Datasheet HTML 5Page - PHOENIX CONTACT 3270313 Datasheet HTML 6Page - PHOENIX CONTACT 3270313 Datasheet HTML 7Page - PHOENIX CONTACT 3270313 Datasheet HTML 8Page - PHOENIX CONTACT 3270313 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Marshalling patchboard, Labeled from 1 - 32, nom. voltage: 500 V, nominal current: 17.5 A,
connection method: Push-in connection, cross section: 0.14 mm2 - 2.5 mm2, mounting: Wall
mounting, 19" rack, color: gray, color of connection elements: blue
Your advantages
High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.
•
For mounting in 19" racks
•
Clear representation of actuation and terminal points through vertical conductor routing
•
Tool-free wiring in a confined space thanks to compact size
•
Blue version for using in intrinsically safe circuits in potentially explosive areas (type of protection Ex i)
•
Marshalling patchboard - PTMC 1,5/32-3 /BU 19Z
3270313
https://www.phoenixcontact.com/us/products/3270313
Jun 13, 2022, 7:41 AM
Page 1 (22)


Similar Part No. - 3270313

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270310 PHOENIX-3270310 Datasheet
668Kb / 22P
Marshalling patchboard - PTMC 1,5/32-3
Jun 15, 2022
3270311 PHOENIX-3270311 Datasheet
649Kb / 22P
Marshalling patchboard - PTMC 1,5/32-3 19Z
Jun 13, 2022
3270312 PHOENIX-3270312 Datasheet
668Kb / 22P
Marshalling patchboard - PTMC 1,5/32-3 /BU
Jun 13, 2022
3270314 PHOENIX-3270314 Datasheet
645Kb / 22P
Marshalling patchboard - PTMC 1,5/32-2
Jun 13, 2022
3270315 PHOENIX-3270315 Datasheet
646Kb / 22P
Marshalling patchboard - PTMC 1,5/32-2 /BU
Jun 13, 2022
More results

Similar Description - 3270313

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270311 PHOENIX-3270311 Datasheet
649Kb / 22P
Marshalling patchboard - PTMC 1,5/32-3 19Z
Jun 13, 2022
3270312 PHOENIX-3270312 Datasheet
668Kb / 22P
Marshalling patchboard - PTMC 1,5/32-3 /BU
Jun 13, 2022
3270316 PHOENIX-3270316 Datasheet
580Kb / 20P
Marshalling patchboard - PTMC 1,5/32-2H 19Z
Jun 13, 2022
3270420 PHOENIX-3270420 Datasheet
629Kb / 28P
Marshalling patchboard - PTMC 1,5-3 /BU
Jun 7, 2022
3270317 PHOENIX-3270317 Datasheet
642Kb / 22P
Marshalling patchboard - PTMC 1,5/32-2H /BU 19Z
Jun 13, 2022
3270319 PHOENIX-3270319 Datasheet
686Kb / 22P
Marshalling patchboard - PTMC 1,5/48-3 19Z
Jun 13, 2022
3270321 PHOENIX-3270321 Datasheet
686Kb / 22P
Marshalling patchboard - PTMC 1,5/48-3 /BU 19Z
Jun 13, 2022
3270353 PHOENIX-3270353 Datasheet
649Kb / 22P
Marshalling patchboard - FTMC 1,5/32-3 /BU 19Z
Jun 13, 2022
3270325 PHOENIX-3270325 Datasheet
740Kb / 22P
Marshalling patchboard - PTMC 1,5/80-3 19Z
Jun 13, 2022
3270327 PHOENIX-3270327 Datasheet
740Kb / 22P
Marshalling patchboard - PTMC 1,5/80-3 /BU 19Z
Jun 13, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com