Electronic Components Datasheet Search
  English  ▼

X  

3270313 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 3270313
Description  Marshalling patchboard - PTMC 1,5/32-3 /BU 19Z
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3270313 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 3270313 Datasheet HTML 14Page - PHOENIX CONTACT 3270313 Datasheet HTML 15Page - PHOENIX CONTACT 3270313 Datasheet HTML 16Page - PHOENIX CONTACT 3270313 Datasheet HTML 17Page - PHOENIX CONTACT 3270313 Datasheet HTML 18Page - PHOENIX CONTACT 3270313 Datasheet HTML 19Page - PHOENIX CONTACT 3270313 Datasheet HTML 20Page - PHOENIX CONTACT 3270313 Datasheet HTML 21Page - PHOENIX CONTACT 3270313 Datasheet HTML 22Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Adapter
Adapter - DF-PTMC-NS - 3270403
https://www.phoenixcontact.com/us/products/3270403
Adapter, for mounting on a DIN rail, length: 64 mm, width: 22 mm, color: gray
Marker adapter
Marker adapter - DF-PTMC-ZB - 3270410
https://www.phoenixcontact.com/us/products/3270410
Marker adapter, for direct mounting on top and for accommodating the marking,
length: 30 mm, width: 11 mm, height: 13 mm, color: gray
Marshalling patchboard - PTMC 1,5/32-3 /BU 19Z
3270313
https://www.phoenixcontact.com/us/products/3270313
Jun 13, 2022, 7:41 AM
Page 21 (22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com