Electronic Components Datasheet Search
  English  ▼

X  

SPF Datasheet(PDF) 3 Page - Littelfuse

Part # SPF
Description  SPF SERIES SOLAR FUSES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPF Datasheet(HTML) 3 Page - Littelfuse

  SPF Datasheet HTML 1Page - Littelfuse SPF Datasheet HTML 2Page - Littelfuse SPF Datasheet HTML 3Page - Littelfuse SPF Datasheet HTML 4Page - Littelfuse SPF Datasheet HTML 5Page - Littelfuse SPF Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Littelfuse.com/SPF
© 2021 Littelfuse, Inc.
Rev: 113021
3 of 6
POWR-GARD® Fuse Datasheet
SPF SERIES SOLAR FUSES
Ordering Information
PCB Version
Electrical Specifications
SERIES
AMPERAGE
AMPERE
CODE
CATALOG
NUMBER
PRODUCT
MARKING
PACKING
QUANTITY
ORDERING NUMBER
UPC CODE
SPF
1
001.
SPF001R
SPF 1A-R
100
0SPF001.HXR
07945816909
SPF
2
002.
SPF002R
SPF 2A-R
100
0SPF002.HXR
07945816912
SPF
3
003.
SPF003R
SPF 3A-R
100
0SPF003.HXR
07945816915
SPF
3.5
03.5
SPF03.5R
SPF 3-1/2A-R
100
0SPF03.5.HXR
07945880089
SPF
4
004.
SPF004R
SPF 4A-R
100
0SPF004.HXR
07945816918
SPF
5
005.
SPF005R
SPF 5A-R
100
0SPF005.HXR
07945816921
SPF
6
006.
SPF006R
SPF 6A-R
100
0SPF006.HXR
07945816924
SPF
8
008.
SPF008R
SPF 8A-R
100
0SPF008.HXR
07945816927
SPF
10
010.
SPF010R
SPF 10A-R
100
0SPF010.HXR
07945816930
SPF
12
012.
SPF012R
SPF 12A-R
100
0SPF012.HXR
07945816933
SPF
15
015.
SPF015R
SPF 15A-R
100
0SPF015.HXR
07945816936
SPF
20
020.
SPF020R
SPF 20A-R
100
0SPF020.HXR
07945817594
SPF
25
025.
SPF025R
SPF 25A-R
100
0SPF025.HXR
07945817597
SPF
30
030.
SPF030R
SPF 30A-R
100
0SPF030.HXR
07945817600
AMPERE
CODE
CATALOG
NUMBER
(FERRULE)
CATALOG
NUMBER
(PCB)
NOM COLD
RESISTANCE
(OHM)
WATTS LOSS AT
100 % RATED
CURRENT (W)
WATTS LOSS
AT 80 % RATED
CURRENT (W)
TOTAL
CLEARING I2T
(A2S) 20 KA
TOTAL
CLEARING I2T
(A2S) 50 KA
AGENCY APPROVALS
DC
DC
UL
CSA TUV
1
001.
SPF001
SPF001R
1000
20
0.394
0.60
0.41
0.6
–
•
•
•
2
002.
SPF002
SPF002R
1000
20
0.154
1.59
0.85
4.8
–
•
•
•
3
003.
SPF003
SPF003R
1000
20
0.110
1.50
0.82
7.9
–
•
•
•
3.5
03.5
SPF03.5
SPF03.5R
1000
20
0.078
1.37
0.78
11
–
•
•
•
4
004.
SPF004
SPF004R
1000
20
0.061
1.49
0.84
23
–
•
•
•
5
005.
SPF005
SPF005R
1000
20
0.041
1.47
0.86
43
–
•
•
•
6
006.
SPF006
SPF006R
1000
20
0.028
1.35
0.77
80
–
•
•
•
8
008.
SPF008
SPF008R
1000
20
0.018
1.61
0.91
199
–
•
•
•
10
010.
SPF010
SPF010R
1000
20
0.013
1.76
1.00
401
–
•
•
•
12
012.
SPF012
SPF012R
1000
20
0.010
1.97
1.11
642
–
•
•
•
15
015.
SPF015
SPF015R
1000
20
0.008
2.28
1.38
505
–
•
•
•
20
020.
SPF020
SPF020R
1000
20
0.005
2.81
1.57
1313
–
•
•
•
25
025.
SPF025
SPF025R
1000
20
0.004
3.33
1.88
2141
2433
•
•
•
30
030.
SPF030
SPF030R
1000
20
0.003
3.85
2.15
3290
3810
•
•
•



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com