Electronic Components Datasheet Search
  English  ▼

X  

SPF Datasheet(PDF) 1 Page - Littelfuse

Part # SPF
Description  SPF SERIES SOLAR FUSES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPF Datasheet(HTML) 1 Page - Littelfuse

  SPF Datasheet HTML 1Page - Littelfuse SPF Datasheet HTML 2Page - Littelfuse SPF Datasheet HTML 3Page - Littelfuse SPF Datasheet HTML 4Page - Littelfuse SPF Datasheet HTML 5Page - Littelfuse SPF Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Littelfuse.com/SPF
© 2021 Littelfuse, Inc.
Rev: 113021
1 of 6
POWR-GARD® Fuse Datasheet
SPF SERIES SOLAR FUSES
1000 V dc • 1–30 A
Description
The SPF Solar Protection Fuse series has been specifically
designed for the protection of photovoltaic (PV) systems.
This family of midget-style fuses (10 x 38 mm) can safely
protect PV modules and conductors from reverse-
overcurrent conditions.
As PV systems have grown in size, so have the
corresponding voltage requirements. This increase in
system voltage has typically been intended to minimize
power loss associated with long conductor runs. Standard
circuit protection devices are not designed to completely
protect photovoltaic panels. However, the SPF series is
UL Listed to safely interrupt faulted circuits up to this
demanding voltage level.
Littelfuse offers multiple ampere ratings to match specific
requirements in a variety of applications.
Features/Benefits

Full range, fast-acting fuse helps eliminate common low-
overload faults

Prevents power generation losses due to nuisance
tripping from changes in temperature

Both PCB mount and dead-front holder options available
Applications

Inverters

Combiner boxes

Battery charge controllers
Recommended Accessories
Fuse Holder: LPHV 1000 V dc POWR-Safe Series
Fuse Clips: 125004/125005
Web Resources
Download technical documents: Littelfuse.com/SPF
Specifications
Voltage Rating
1000 V dc
Amperage Rating
1, 2, 3, 3.5, 4, 5, 6, 8, 10, 12, 15, 20, 25, 30
Max. Interrupting Rating
20 kA - 1 A - 20 A
50 kA - 25 A - 30 A
Time Constant
≤ 2ms
Material
Body: Melamine
Caps: Copper Alloy
Approvals
UL Listed (File: E339112)
CSA Certified (File: 029862_0_000)
TUV (Cert: J 50494849)
Applicable Standards
UL 248-1, 248-19
IEC 60269-6
Environmental
RoHS Compliant
Country of Origin
Mexico
Part Numbering System
0SPF xxxx H XR
Package Quantity
Series
Mounting Options
Amp Code
T = 10 Fuses
H = 100 Fuses
Refer to Ordering
Information table
Blank = Ferrule
XR = PCB
Dimensions Inches (mm)
Ferrule Version
PCB Version
0.06 REF
(1.524)
0.140 REF
(3.56)
0.012 REF
(0.292)
1.570 MAX
(39.88)
1.490 MIN
(37.84)
1.570
(39.88) MAX
1.490
(37.84) MIN
0.040±0.001
(1.02±.025)
0.50 REF
(12.70)
0.12±0.005
(3.05±0.13)
0.12±0.005
(3.05±0.13)
MOUNTING HOLE
DETAIL
0.28±0.005
(7.11±0.13)
1.5 (38.1)
.406
(10.31)
.378
(9.60)
±.031
(±.79)
0.406±0.004
(10.31±0.10)
Look for this logo to indicate products that are used in solar applications. Visit our website
littelfuse.com/solar for the latest updates on approvals, certifications, and new products.
REACH


Similar Part No. - SPF

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SPF WELWYN-SPF Datasheet
629Kb / 2P
General-Purpose Failsafe Moulded Wirewound Resistors
logo
Crydom Inc.,
SPF CRYDOM-SPF Datasheet
477Kb / 4P
PCB Mount
SPF CRYDOM-SPF Datasheet
625Kb / 5P
PCB Mount
logo
KITAGAWA GmbH
SPF KGS-SPF Datasheet
460Kb / 1P
Spiral tube to bundle and protect cables
logo
List of Unclassifed Man...
SPF-01T-2.5C ETC2-SPF-01T-2.5C Datasheet
232Kb / 8P
Crimping tools and machines
More results

Similar Description - SPF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPXV006.T LITTELFUSE-SPXV006.T Datasheet
317Kb / 3P
SPXV SERIES SOLAR FUSE
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
Crydom Inc.,
SPFE480D25R CRYDOM-SPFE480D25R Datasheet
625Kb / 5P
SPF Series
logo
Infineon Technologies A...
DF100R07W1H5FP-B54 INFINEON-DF100R07W1H5FP-B54 Datasheet
705Kb / 11P
Solar Anwendungen
V3.0 2017-04-06
logo
Pentair plc. All rights...
PSD30 PENTAIR-PSD30 Datasheet
1Mb / 20P
SOLAR DRIVE
logo
Hongfa Technology
HF172F-100 HONGFA-HF172F-100 Datasheet
57Kb / 2P
SOLAR RELAY
HF172F-140 HONGFA-HF172F-140 Datasheet
56Kb / 2P
SOLAR RELAY
HF176F HONGFA-HF176F Datasheet
54Kb / 2P
SOLAR RELAY
logo
PHOENIX CONTACT
2981457 PHOENIX-2981457 Datasheet
82Kb / 5P
Coupling relay - PSR-SPF-24UC/URM/4X1/2X2
logo
Littelfuse
LFJ1000 LITTELFUSE-LFJ1000 Datasheet
483Kb / 4P
LFJ1000 SERIES SOLAR FUSE BLOCK
Rev: 091719
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com