Electronic Components Datasheet Search
  English  ▼

X  

SPF Datasheet(PDF) 4 Page - Littelfuse

Part # SPF
Description  SPF SERIES SOLAR FUSES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPF Datasheet(HTML) 4 Page - Littelfuse

  SPF Datasheet HTML 1Page - Littelfuse SPF Datasheet HTML 2Page - Littelfuse SPF Datasheet HTML 3Page - Littelfuse SPF Datasheet HTML 4Page - Littelfuse SPF Datasheet HTML 5Page - Littelfuse SPF Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Littelfuse.com/SPF
© 2021 Littelfuse, Inc.
Rev: 113021
4 of 6
POWR-GARD® Fuse Datasheet
SPF SERIES SOLAR FUSES
AMPERAGE
RATING
OPENING TIME (MINUTES)
100 % of Amp
Rating per UL
113 % of Amp
Rating per IEC
135 % of Amp
Rating per UL
145 % of Amp
Rating per IEC
200 % of Amp
Rating per UL
1–30
Temperature
Stabilization
60 Min
60 Max
60 Max
4 Max
WAVE PARAMETER
LEAD FREE RECOMMENDATION
Preheat:
(Typical industry recommendation)
Temperature minimum:
130 ˚C
Temperature maximum:
—
Pre-heat time
75 seconds maximum
Solder pot temperature
280 ˚C maximum
Solder dwell time
270 ˚C for 8 seconds maximum
Complete cycle time
250 seconds maximum
Recommended Process Parameters
Soldering Parameters
-60°C
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C
100°C
120°C
140°C
-76°F
-40°F
-4°F
32°F
68°F
104°F
140°F
176°F
212°F
248°F
284°F
AMBIENT TEMPERATURE
60
40
20
0
0
20
40
60
Temperature Derating Curve (temperature of air immediately surrounding fuse)
Electrical Specification – Agency Requirements



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com