Electronic Components Datasheet Search
  English  ▼

X  

SPF Datasheet(PDF) 6 Page - Littelfuse

Part # SPF
Description  SPF SERIES SOLAR FUSES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPF Datasheet(HTML) 6 Page - Littelfuse

  SPF Datasheet HTML 1Page - Littelfuse SPF Datasheet HTML 2Page - Littelfuse SPF Datasheet HTML 3Page - Littelfuse SPF Datasheet HTML 4Page - Littelfuse SPF Datasheet HTML 5Page - Littelfuse SPF Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Littelfuse.com/SPF
© 2021 Littelfuse, Inc.
Rev: 113021
6 of 6
POWR-GARD® Fuse Datasheet
SPF SERIES SOLAR FUSES
1000
900
800
700
600
500
400
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
300
200
100
90
80
70
60
50
50
40
30
20
109
8
7
50
40
30
20
10
9
8
7
7
6
5
4
3
2
1
7
6
5
4
3
2
1
- 25A
- 30A
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
10.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0 02
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0 02
0.02
0.01
0.02
0.01
CURRENT IN AMPERES
TEST VOLTAGE:
1000V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
BASIS FOR DATA:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
TIME CURRENT CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
3/15/10
E
4 OF 4
FCC01-SPF
SPF 1A - 30A
- THIS DATA GENERATED IN EXCEL -
Time Current Curve (25–30 A)
Disclaimer Notice - Littelfuse products are not designed for, and shall not be used for, any purpose (including, without limitation, automotive, military, aerospace, medical, life-saving, life-sustaining
or nuclear facility applications, devices intended for surgical implant into the body, or any other application in which the failure or lack of desired operation of the product may result in personal
injury, death, or property damage) other than those expressly set forth in applicable Littelfuse product documentation. Warranties granted by Littelfuse shall be deemed void for products used for any
purpose not expressly set forth in applicable Littelfuse documentation. Littelfuse shall not be liable for any claims or damages arising out of products used in applications not expressly intended by
Littelfuse as set forth in applicable Littelfuse documentation. The sale and use of Littelfuse products is subject to Littelfuse Terms and Conditions of Sale, unless otherwise agreed by Littelfuse.
Littelfuse.com/Product-Disclaimer



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com