Electronic Components Datasheet Search
  English  ▼

X  

MIC2619 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC2619
Description  1.2 MHz PWM Boost Converter with OVP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2619 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC2619 Datasheet HTML 3Page - Microchip Technology MIC2619 Datasheet HTML 4Page - Microchip Technology MIC2619 Datasheet HTML 5Page - Microchip Technology MIC2619 Datasheet HTML 6Page - Microchip Technology MIC2619 Datasheet HTML 7Page - Microchip Technology MIC2619 Datasheet HTML 8Page - Microchip Technology MIC2619 Datasheet HTML 9Page - Microchip Technology MIC2619 Datasheet HTML 10Page - Microchip Technology MIC2619 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006545A-page 7
MIC2619
FIGURE 2-13:
Feedback Voltage vs.
Temperature.
FIGURE 2-14:
Switching Frequency vs.
Temperature.
FIGURE 2-15:
Enable Turn-On.
FIGURE 2-16:
Enable Turn-On with
Soft-Start.
FIGURE 2-17:
Input Turn-On.
FIGURE 2-18:
Switching Waveform –
Continuous.
1.18
1.20
1.22
1.24
1.26
1.28
1.30
1.32
1.34
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VIN = 3.6V
VOUT = 12V
IOUT = 25mA
L = 10μH
C = 1μF
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VIN = 3.6V
VOUT = 12V
IOUT = 25mA
L = 10μH
C = 1μF
VIN = 5V
VOUT = 35V
IOUT = 10mA
L = 10μH
C = 1μF
Time (400μs/div)
VIN = 5V
VOUT = 35V
IOUT = 10mA
CFF = 0.22μF
L = 10μH
C = 1μF
Time (4ms/div)
VIN = 5V
VOUT = 35V
IOUT = 10mA
L = 10μH
COUT = 1μF
Time (2ms/div)
COUT = 1μF
Time (400ns/div)
VIN = 4.2V
VOUT = 12V
IOUT = 20mA
L = 10μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com