Electronic Components Datasheet Search
  English  ▼

X  

MIC2619 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2619
Description  1.2 MHz PWM Boost Converter with OVP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2619 Datasheet(HTML) 1 Page - Microchip Technology

  MIC2619 Datasheet HTML 1Page - Microchip Technology MIC2619 Datasheet HTML 2Page - Microchip Technology MIC2619 Datasheet HTML 3Page - Microchip Technology MIC2619 Datasheet HTML 4Page - Microchip Technology MIC2619 Datasheet HTML 5Page - Microchip Technology MIC2619 Datasheet HTML 6Page - Microchip Technology MIC2619 Datasheet HTML 7Page - Microchip Technology MIC2619 Datasheet HTML 8Page - Microchip Technology MIC2619 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006545A-page 1
MIC2619
Features
• 2.8V to 6.5V Input Voltage
• 350 mA Switch Current
• Output Voltage up to 35V
• 1.2 MHz PWM Operation
• 1.265V Feedback Voltage
• Programmable Overvoltage Protection (OVP)
• <1% Line Regulation
• <1 µA Shutdown Current
• Overtemperature Protection
• Undervoltage Lock Out (UVLO)
• Low Profile Thin SOT-23-6 Package
• –40°C to +125°C Junction Temperature Range
Applications
• Bias Supply Applications:
- Tuner Varactor Bias
- High Voltage Bias Supplies
- Avalanche Photo Diode
- High Voltage Display Bias
• DSL/Broadband Applications
• Constant Current Power Supplies
General Description
The MIC2619 is a 1.2 MHz pulse width modulated
(PWM) step-up switching regulator that is optimized for
low power, high output voltage applications. With a
maximum output voltage of 35V and a switch current of
over 350 mA, the MIC2619 can easily supply most high
voltage bias applications, such as TV tuners.
The MIC2619 implements a constant frequency
1.2 MHz PWM current-mode control scheme. The high
frequency PWM operation saves board space by
reducing external component sizes. The additional
benefit of the constant frequency PWM control
scheme, as opposed to variable frequency control
schemes, is lower output noise and smaller input ripple
injected back to the battery source. The MIC2619 has
programmable overvoltage protection to ensure output
protection in case of fault condition.
The MIC2619 is available in a low profile Thin SOT-23
6-lead package. The MIC2619 has a junction
temperature range of –40°C to +125°C.
Package Type
FB GND
EN
VIN
SW
3
1
6
2
45
OVP
MIC2619
6-Lead Thin SOT-23 (D6)
(Top View)
1.2 MHz PWM Boost Converter with OVP


Similar Part No. - MIC2619

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2619 MICREL-MIC2619 Datasheet
685Kb / 15P
1.2MHz PWM Boost Converter with OVP
logo
MIC GROUP RECTIFIERS
MIC2619 MIC-MIC2619 Datasheet
685Kb / 15P
1.2MHz PWM Boost Converter with OVP
logo
Micrel Semiconductor
MIC2619YD6 MICREL-MIC2619YD6 Datasheet
685Kb / 15P
1.2MHz PWM Boost Converter with OVP
logo
MIC GROUP RECTIFIERS
MIC2619YD6 MIC-MIC2619YD6 Datasheet
685Kb / 15P
1.2MHz PWM Boost Converter with OVP
logo
Micrel Semiconductor
MIC2619YD6-TR MICREL-MIC2619YD6-TR Datasheet
685Kb / 15P
1.2MHz PWM Boost Converter with OVP
More results

Similar Description - MIC2619

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2288 MICREL-MIC2288 Datasheet
116Kb / 10P
1A 1.2 MHZ PWM BOOST CONVERTER IN THIN SOT 23 AND 2 X MLF
MIC2619 MICREL-MIC2619 Datasheet
685Kb / 15P
1.2MHz PWM Boost Converter with OVP
logo
MIC GROUP RECTIFIERS
MIC2619 MIC-MIC2619_11 Datasheet
685Kb / 15P
1.2MHz PWM Boost Converter with OVP
logo
Vishay Siliconix
SIP12506 VISHAY-SIP12506 Datasheet
202Kb / 11P
1-MHz Boost Converter with OVP for White LED Applications
26-Mar-07
logo
Gamma Microelectronics ...
GM19371 GAMMA-GM19371 Datasheet
171Kb / 10P
BOOST WHITE LED DRIVER WITH OVP
logo
Analog Microelectronics
AME5145 AME-AME5145 Datasheet
193Kb / 23P
1.6 MHz Boost Converter With
logo
ACE Technology Co., LTD...
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
1A Synchronous PWM Boost converter
VER 1.1
logo
Eutech Microelectronics...
EUP2961A EUTECH-EUP2961A Datasheet
69Kb / 1P
White LED Boost Converter with PWM
logo
Feeling Technology Corp...
FP6288 FEELING-FP6288 Datasheet
432Kb / 12P
Non-Synchronous PWM Boost Converter
logo
Silicon Mitus, Inc.
SM1201 SILICONMITUS-SM1201 Datasheet
327Kb / 1P
PWM Controller for Boost Converter with LDO
Februay 2018 -Rev. 0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com